Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX722C40005W Datasheet(PDF) 2 Page - Visual Communications Company

Part # CNX722C40005W
Description  wide angle viewable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNX722C40005W Datasheet(HTML) 2 Page - Visual Communications Company

  CNX722C40005W Datasheet HTML 1Page - Visual Communications Company CNX722C40005W Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications
Ordering data
LED output
LED color**
typ intensity, mcd
red
1300-1900
green
700-1400
white
1300-1700
blue
200-280
yellow
80-200
Materials
body
polycarbonate, UL 94-V2
retaining nut
PBT/glass filled, UL 94-V0
wire
22 AWG 1007/1569
moisture seal
EPDM
bezel- plastic
ABS, UL 94-HB
bezel- metal
aluminum alloy
Installation specification
mounting hole .855-.910” (21.7-23.1mm)
panel
thickness
Up to .300” (7.6mm)
Operating parameters
operating
temperature
-40°F (-40°C) to
176°F (80°C)
current
20mA
*Body color to match
LED color
Voltage
XX=
input
voltage
05
5VDC
12
12VDC
24
24VDC
Body Type
X=
material
C
colored*
N
clear
CNX 722 22mm indicator
ordering code (example)
CNX 722 X X00 XX X
Termination Style
X=
termination style
B
screw block
T
quick disconnect/
terminals
W
wire leads
LED Color
X00=
color
200
red
400
yellow
500
green
600
blue
900
white
Bezel Color
X=
color
0
black
2
red
4
yellow
5
green
6
blue
9
white
A
actual aluminum
B
brushed aluminum
C
chrome
*Optional bezel: BZL 722-X
Bezel size = 22mm
*Sold Separately
www.vcclite.com
1.800.522.5546
engineered to light up your design


Similar Part No. - CNX722C40005W

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX722C400FVB VCC-CNX722C400FVB Datasheet
541Kb / 2P
   Panel Mount Indicator
CNX722C400FVT VCC-CNX722C400FVT Datasheet
541Kb / 2P
   Panel Mount Indicator
CNX722C400FVW VCC-CNX722C400FVW Datasheet
541Kb / 2P
   Panel Mount Indicator
CNX722C400FVX VCC-CNX722C400FVX Datasheet
541Kb / 2P
   Panel Mount Indicator
CNX722C400XXB VCC-CNX722C400XXB Datasheet
541Kb / 2P
   Panel Mount Indicator
More results

Similar Description - CNX722C40005W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MAN32X0A FAIRCHILD-MAN32X0A Datasheet
427Kb / 6P
   DOUBLE HETEROJUNCTION SUNLIGHT VIEWABLE DISPLAYS
logo
QT Optoelectronics
MAN32X0A QT-MAN32X0A Datasheet
405Kb / 5P
   DOUBLE HETEROJUNCTION AIGAAS RED SUNLIGHT VIEWABLE DISPLAYS
logo
Kingbright Corporation
APTB1612SYKQWDF-AMT KINGBRIGHT-APTB1612SYKQWDF-AMT Datasheet
368Kb / 9P
   Wide viewing angle
APG0603SURC-TT KINGBRIGHT-APG0603SURC-TT Datasheet
265Kb / 5P
   Wide viewing angle
APHBM2012LCGKSYKC KINGBRIGHT-APHBM2012LCGKSYKC Datasheet
302Kb / 6P
   Wide viewing angle
APHBM2012LSURKCGKC KINGBRIGHT-APHBM2012LSURKCGKC Datasheet
304Kb / 6P
   Wide viewing angle
APHBM2012LSURKSYKC KINGBRIGHT-APHBM2012LSURKSYKC Datasheet
303Kb / 6P
   Wide viewing angle
APTB1612LVBDZGKC KINGBRIGHT-APTB1612LVBDZGKC Datasheet
325Kb / 6P
   Wide viewing angle
APTB1612LZGKSYKC KINGBRIGHT-APTB1612LZGKSYKC Datasheet
345Kb / 6P
   Wide viewing angle
APG0603SYC-TT KINGBRIGHT-APG0603SYC-TT Datasheet
242Kb / 5P
   Wide viewing angle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com