Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4210-1
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4210-1 Datasheet HTML 1Page - Linear Technology LTC4210-1 Datasheet HTML 2Page - Linear Technology LTC4210-1 Datasheet HTML 3Page - Linear Technology LTC4210-1 Datasheet HTML 4Page - Linear Technology LTC4210-1 Datasheet HTML 5Page - Linear Technology LTC4210-1 Datasheet HTML 6Page - Linear Technology LTC4210-1 Datasheet HTML 7Page - Linear Technology LTC4210-1 Datasheet HTML 8Page - Linear Technology LTC4210-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC4210-1/LTC4210-2
421012f
(Note 1)
Supply Voltage (VCC) ............................................... 17V
Input Voltage (SENSE, TIMER) .. – 0.3V to (VCC + 0.3V)
Input Voltage (ON) ..................................... –0.3V to 17V
Output Voltage (GATE) ........ Internally Limited (Note 3)
Operating Temperature Range
LTC4210-1C/LTC4210-2C ....................... 0
°C to 70°C
LTC4210-1I/LTC4210-2I .................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC4210-1CS6
LTC4210-2CS6
LTC4210-1IS6
LTC4210-2IS6
TJMAX = 125°C, θJA = 230°C/ W
TIMER 1
GND 2
ON 3
6 VCC
5 SENSE
4 GATE
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
S6 PART MARKING
LTYW
LTYX
LTF5
LTF6
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
q
2.7
16.5
V
ICC
VCC Supply Current
q
0.65
3.5
mA
VLKOR
VCC Undervoltage Lockout Release
VCC Rising
q
2.2
2.5
2.65
V
VLKOHYST
VCC Undervoltage Lockout Hysteresis
100
mV
IINON
ON Pin Input Current
q
–10
0
10
µA
IINSENSE
SENSE Pin Input Current
VSENSE = VCC
q
–10
5
10
µA
VCB
Circuit Breaker Trip Voltage
VCB = (VCC – VSENSE)
q
44
50
56
mV
IGATEUP
GATE Pin Pull-Up Current
VGATE = 0V
q
–5
– 10
–15
µA
IGATEDN
GATE Pin Pull-Down Current
VTIMER = 1.5V, VGATE = 3V or
25
mA
VON = 0V, VGATE = 3V or
VCC – VSENSE = 100mV, VGATE = 3V
∆VGATE
External N-Channel Gate Drive
VGATE – VCC, VCC = 2.7V
q
4.0
6.5
8
V
VGATE – VCC, VCC = 3V
q
4.5
7.5
10
V
VGATE – VCC, VCC = 3.3V
q
5.0
8.5
12
V
VGATE – VCC, VCC = 5V
q
10
12
16
V
VGATE – VCC, VCC = 12V
q
9.0
12
16
V
VGATE – VCC, VCC = 15V
q
6.0
11
18
V
ITIMERUP
TIMER Pin Pull-Up Current
Initial Cycle, VTIMER = 1V
q
–2
–5
–8.5
µA
During Current Fault Condition, VTIMER = 1V q
–25
–60
–100
µA
ITIMERDN
TIMER Pin Pull-Down Current
After Current Fault Disappears, VTIMER = 1V
q
2
3.5
µA
Under Normal Conditions, VTIMER = 1V
100
µA
VTIMER
TIMER Pin Threshold
High Threshold, TIMER Rising
q
1.22
1.3
1.38
V
Low Threshold, TIMER Falling
q
0.15
0.2
0.25
V
VTMRHYST
TIMER Low Threshold Hysteresis
100
mV
VON
ON Pin Threshold
ON Threshold, ON Rising
q
1.22
1.3
1.38
V
VONHYST
ON Pin Threshold Hysteresis
80
mV
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC4210-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4 LINER-LTC4210-4_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com