Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4210-1
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4210-1 Datasheet HTML 4Page - Linear Technology LTC4210-1 Datasheet HTML 5Page - Linear Technology LTC4210-1 Datasheet HTML 6Page - Linear Technology LTC4210-1 Datasheet HTML 7Page - Linear Technology LTC4210-1 Datasheet HTML 8Page - Linear Technology LTC4210-1 Datasheet HTML 9Page - Linear Technology LTC4210-1 Datasheet HTML 10Page - Linear Technology LTC4210-1 Datasheet HTML 11Page - Linear Technology LTC4210-1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC4210-1/LTC4210-2
421012f
APPLICATIO S I FOR ATIO
Hot Circuit Insertion
When circuit boards are inserted into live backplanes, the
supply bypass capacitors can draw large transient cur-
rents from the backplane power bus as they charge. Such
transient currents can cause permanent damage to con-
nector pins, glitches on the system supply or reset other
boards in the system.
The LTC4210 is designed to turn a printed circuit board’s
supply voltage ON and OFF in a controlled manner, allow-
ing the circuit board to be safely inserted into or removed
from a live backplane. The LTC4210 can reside either on
the backplane or on the daughter board for hot circuit
insertion applications.
Overview
The LTC4210 is designed to operate over a range of
supplies from 2.7V to 16.5V. Upon insertion, an undervolt-
age lockout circuit determines if sufficient supply voltage
is present. When the ON pin goes high an initial timing
cycle assures that the board is fully seated in the backplane
before the MOSFET is turned on. A single timer capacitor
sets the periods for all of the timer functions. After the
initial timing cycle the LTC4210 can either start up in
current limit or with a lower load current. Once the external
MOSFET is fully enhanced and the supply has ramped up,
the LTC4210 monitors the load current through an exter-
nal sense resistor. Overcurrent faults are actively limited
to 50mV/RSENSE for a specified circuit breaker timer limit.
The LTC4210-1 will automatically retry after a current limit
fault while the LTC4210-2 latches off. The LTC4210-1
timer function limits the retry duty cycle to 3.8% for
MOSFET cooling.
Undervoltage Lockout
An internal undervoltage lockout (UVLO) circuit resets the
LTC4210 if the VCC supply is too low for normal operation.
The UVLO has a low-to-high threshold of 2.5V, a 100mV
hysteresis and a high-to-low glitch filter of 30
µs. Above
2.5V supply voltage, the LTC4210 will start if the ON pin
conditions are met. A short supply dip below 2.4V for less
than 30
µs is ignored to allow for bus supply transients.
ON Function
The ON pin is the input to a comparator which has a low-
to-high threshold of 1.3V, an 80mV hysteresis and a high-
to-low glitch filter of 30
µs. A low input on the ON pin resets
the LTC4210 TIMER status and turns off the external
MOSFET by pulling the GATE pin to ground. A low-to-high
transition on the ON pin starts an initial cycle followed by
a start-up cycle. A 10k pull-up resistor connecting the ON
pin to the supply is recommended. The 10k resistor shunts
any potential static charge on the backplane and reduces
the overvoltage stress at the ON pin during live insertion.
Alternatively, an external resistor divider at the ON pin can
be used to program an undervoltage lockout value higher
than the internal UVLO circuit. An RC filter can be added at
the ON pin to increase the delay time at card insertion if the
internal glitch filter delay is insufficient.
GATE Function
During hot insertion of the PCB, an abrupt application of
supply voltage charges the external MOSFET drain/gate
capacitance. This can cause an unwanted gate voltage
spike. An internal proprietary circuit holds GATE low
before the internal circuitry wakes up. This reduces the
MOSFET current surges substantially at insertion. The
GATE pin is held low in reset mode and during the initial
timing cycle. In the start-up cycle the GATE pin is pulled up
by a 10
µA current source. During an overcurrent fault
condition, the error amplifier servoes the GATE pin to
maintain a constant current to the load until the circuit
breaker trips. When the circuit breaker trips, the GATE pin
shuts down abruptly.


Similar Part No. - LTC4210-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4 LINER-LTC4210-4_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com