Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F800BGHB-BL12 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LH28F800BGHB-BL12
Description  8 M-bit (512 kB x 16) SmartVoltage Flash Memories
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800BGHB-BL12 Datasheet(HTML) 3 Page - Sharp Corporation

  LH28F800BGHB-BL12 Datasheet HTML 1Page - Sharp Corporation LH28F800BGHB-BL12 Datasheet HTML 2Page - Sharp Corporation LH28F800BGHB-BL12 Datasheet HTML 3Page - Sharp Corporation LH28F800BGHB-BL12 Datasheet HTML 4Page - Sharp Corporation LH28F800BGHB-BL12 Datasheet HTML 5Page - Sharp Corporation LH28F800BGHB-BL12 Datasheet HTML 6Page - Sharp Corporation LH28F800BGHB-BL12 Datasheet HTML 7Page - Sharp Corporation LH28F800BGHB-BL12 Datasheet HTML 8Page - Sharp Corporation LH28F800BGHB-BL12 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
LH28F800BG-L/BGH-L (FOR TSOP, CSP)
BLOCK ORGANIZATION
This product features an asymmetrically-blocked
architecture providing system memory integration.
Each erase block can be erased independently of
the others up to 100 000 times. For the address
locations of the blocks, see the memory map in
Fig. 1.
Boot Blocks : The two boot blocks are intended to
replace a dedicated boot PROM in a micro-
processor or microcontroller-based system. The
boot blocks of 4 k words (4 096 words) feature
hardware controllable write-protection to protect the
crucial microprocessor boot code from accidental
modification. The protection of the boot blocks is
controlled using a combination of the VPP, RP# and
WP# pins.
Parameter Blocks : The boot block architecture
includes parameter blocks to facilitate storage of
frequently update small parameters that would
normally require an EEPROM. By using software
techniques,
the
byte-rewrite
functionality
of
EEPROMs can be emulated. Each boot block
component contains six parameter blocks of 4 k
words (4 096 words) each. The parameter blocks
are not write-protectable.
Main Blocks : The reminder is divided into main
blocks for data or code storage. Each 8 M-bit
device contains fifteen 32 k words (32 768 words)
blocks.
- 3 -
INPUT
BUFFER
BUFFER
VCC
CE#
RP#
OE#
IDENTIFIER
REGISTER
COMMAND
USER
INTERFACE
WRITE
STATE
MACHINE
PROGRAM/ERASE
VOLTAGE SWITCH
I/O
LOGIC
STATUS
REGISTER
DATA
COMPARATOR
15
32 k-WORD
MAIN BLOCKS
X
DECODER
Y
DECODER
Y GATING
RY/BY#
VPP
VCC
GND
A0-A18
INPUT
BUFFER
ADDRESS
LATCH
ADDRESS
COUNTER
WP#
WE#
OUTPUT
DQ0-DQ15
BLOCK DIAGRAM


Similar Part No. - LH28F800BGHB-BL12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGHBBL12 SHARP-LH28F800BGHBBL12 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHBBL85 SHARP-LH28F800BGHBBL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHBTL12 SHARP-LH28F800BGHBTL12 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHBTL85 SHARP-LH28F800BGHBTL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
More results

Similar Description - LH28F800BGHB-BL12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
   16 M-bit (2 MB x 8) SmartVoltage Flash Memories
LH28F160SGED-L10 SHARP-LH28F160SGED-L10 Datasheet
252Kb / 42P
   16 M-bit (512 kB x 16 x 2-Bank) SmartVoltage Dual Work Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com