Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3717 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3717
Description  Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3717 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3717 Datasheet HTML 2Page - Linear Technology LTC3717 Datasheet HTML 3Page - Linear Technology LTC3717 Datasheet HTML 4Page - Linear Technology LTC3717 Datasheet HTML 5Page - Linear Technology LTC3717 Datasheet HTML 6Page - Linear Technology LTC3717 Datasheet HTML 7Page - Linear Technology LTC3717 Datasheet HTML 8Page - Linear Technology LTC3717 Datasheet HTML 9Page - Linear Technology LTC3717 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC3717
sn3717 3717fs
PI FU CTIO S
RUN/SS (Pin 1): Run Control and Soft-Start Input. A
capacitor to ground at this pin sets the ramp time to full
output current (approximately 3s/
µF) and the time delay
for overcurrent latchoff (see Applications Information).
Forcing this pin below 0.8V shuts down the device.
PGOOD (Pin 2): Power Good Output. Open drain logic
output that is pulled to ground when the output voltage is
not within
±10% of the regulation point.
VRNG (Pin 3): Sense Voltage Range Input. The voltage at
this pin is ten times the nominal sense voltage at maxi-
mum output current and can be set from 0.5V to 2V by a
resistive divider from INTVCC. The nominal sense voltage
defaults to 70mV when this pin is tied to ground, 140mV
when tied to INTVCC.
ITH (Pin 4): Current Control Threshold and Error Amplifier
Compensation Point. The current comparator threshold
increases with this control voltage. The voltage ranges
from 0V to 2.4V with 0.8V corresponding to zero sense
voltage (zero current).
SGND (Pin 5): Signal Ground. All small-signal compo-
nents and compensation components should connect to
this ground, which in turn connects to PGND at one point.
ION (Pin 6): On-Time Current Input. Tie a resistor from VIN
to this pin to set the one-shot timer current and thereby set
the switching frequency.
VFB (Pin 7): Error Amplifier Feedback Input. This pin
connects to VOUT and divides its voltage to 2/3 • VFB
through precision internal resistors before it is applied to
the input of the error amplifier. Do not apply more than
1.5V on VFB. For higher output voltages, attach an external
resistor R2 (1/2 • R1 at VREF) from VOUT to VFB.
VREF (Pin 8): Positive Input of Internal Error Amplifier.
This pin connects to an external reference and divides its
voltage to 1/3 VREF through precision internal resisters
before it is applied to the positive input of the error
amplifier. Reference voltage for output voltage, power
good threshold, and short-circuit shutdown threshold. Do
not apply more than 3V on VREF. If higher voltages are
used, connect an external resistor (R1
≥ 160k) from
voltage reference to VREF.
EXTVCC (Pin 9): External VCC Input. When EXTVCC ex-
ceeds 4.7V, an internal switch connects this pin to INTVCC
and shuts down the internal regulator so that controller
and gate drive power is drawn from EXTVCC. Do not exceed
7V at this pin and ensure that EXTVCC < VCC.
VCC (Pin 10): Bias Input Supply. 4V to 36V operating
range. Decouple this pin to PGND with an RC filter (1
Ω,
0.1
µF).
INTVCC (Pin 11): Internal 5V Regulator Output. The driver
and control circuits are powered from this voltage. De-
couple this pin to power ground with a minimum of 4.7
µF
low ESR tantalum or ceramic capacitor.
BG (Pin 12): Bottom Gate Drive. Drives the gate of the
bottom N-channel MOSFET between ground and INTVCC.
PGND (Pin 13): Power Ground. Connect this pin closely to
the source of the bottom N-channel MOSFET, the (–)
terminal of CVCC and the (–) terminal of CIN.
SW (Pin 14): Switch Node. The (–) terminal of the boot-
strap capacitor CB connects here. This pin swings from a
diode voltage drop below ground up to a diode voltage
drop above VIN.
TG (Pin 15): Top Gate Drive. Drives the top N-channel
MOSFET with a voltage swing equal to INTVCC superim-
posed on the switch node voltage SW.
BOOST (Pin 16): Boosted Floating Driver Supply. The (+)
terminal of the bootstrap capacitor CB connects here. This
pin swings from a diode voltage drop below INTVCC up to
VIN + INTVCC.


Similar Part No. - LTC3717

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3717 LINER-LTC3717 Datasheet
1Mb / 28P
   Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTC3717-1 LINER-LTC3717-1 Datasheet
268Kb / 20P
   Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717EUH-1 LINER-LTC3717EUH-1 Datasheet
268Kb / 20P
   Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
More results

Similar Description - LTC3717

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1 Datasheet
268Kb / 20P
   Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
   Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LTC3879 LINER-LTC3879_15 Datasheet
312Kb / 28P
   Fast, Wide Operating Range No RSENSE Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com