Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3421 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3421
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421 Datasheet(HTML) 5 Page - Linear Technology

  LTC3421 Datasheet HTML 1Page - Linear Technology LTC3421 Datasheet HTML 2Page - Linear Technology LTC3421 Datasheet HTML 3Page - Linear Technology LTC3421 Datasheet HTML 4Page - Linear Technology LTC3421 Datasheet HTML 5Page - Linear Technology LTC3421 Datasheet HTML 6Page - Linear Technology LTC3421 Datasheet HTML 7Page - Linear Technology LTC3421 Datasheet HTML 8Page - Linear Technology LTC3421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3421
5
3421f
Burst Mode Threshold vs RBURST
FB Voltage
Frequency Accuracy
Burst Mode Quiescent Current
Current Limit Accuracy
RDS(ON)
RBURST (kΩ)
20
0
20
60
80
100
INTO BURST
OUT OF BURST
120
180
3421 G10
40
70
120
140
160
TEMPERATURE (
°C)
–45
1.20
1.21
1.22
1.23
1.24
–30 –15
0
15
3421 G11
30
45
60
75
90
TEMPERATURE (
°C)
–45
0.95
0.97
0.99
1.01
1.03
–30 –15
0
15
3421 G12
30
45
60
75
90
TEMPERATURE (
°C)
–45
0
5
10
15
20
–30 –15
0
15
3421 G13
30
45
60
75
90
FB (Pin 1): Feedback Pin. Connect resistor divider tap
here. The output voltage can be adjusted from 2.4V to
5.25V. The feedback reference voltage is typically 1.220V.
SHDN (Pin 2): Shutdown Pin. Less than 0.25V on this pin
shuts down the IC. The IC is enabled when the SHDN
voltage is greater than 1V. Once VOUT is above 2.2V,
hysteresis is applied to the pin (–500nA out of the pin)
allowing it to operate at a logic high while the battery can
drop to 0.5V.
VREF (Pin 3): Buffered 1.22V Reference Output. This pin
can source up to 100
µA and sink up to 8µA. This pin must
be decoupled with a 0.1
µF capacitor for stability.
PI FU CTIO S
ENB (Pin 4): Reference Output (VREF) and Low-Battery
Comparator Enable. When ENB = Low, the VREF output and
low-battery comparator are disabled, which lowers the
quiescent current by 5
µA. When ENB = High, the VREF
output and the low-battery comparator are enabled. Dur-
ing shutdown, if the ENB = High and the output voltage is
pulled up to greater than 2.5V from a secondary source
such as a coin cell through a Schottky diode, the VREF
output and low-battery comparator becomes powered
from the output voltage and enabled.
TEMPERATURE (
°C)
–45
1.20
1.25
1.35
1.40
1.45
1.70
1.55
–15
15
30
90
3421 G14
1.30
1.60
1.65
1.50
–30
0
45
60
75
RLIM = 105k
TEMPERATURE (
°C)
–45
0
0.02
0.06
0.08
0.10
0.20
0.14
–15
15
30
90
3421 G15
0.04
0.16
0.18
0.12
–30
0
45
60
75
PMOS
NMOS
TYPICAL PERFOR A CE CHARACTERISTICS (T
A = 25°C, unless otherwise specified)


Similar Part No. - LTC3421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3421 LINER-LTC3421 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
More results

Similar Description - LTC3421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com