Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCL2224V100B Datasheet(PDF) 1 Page - Visual Communications Company

Part # PCL2224V100B
Description  Industrial Machinery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

PCL2224V100B Datasheet(HTML) 1 Page - Visual Communications Company

  PCL2224V100B Datasheet HTML 1Page - Visual Communications Company PCL2224V100B Datasheet HTML 2Page - Visual Communications Company PCL2224V100B Datasheet HTML 3Page - Visual Communications Company PCL2224V100B Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Low profile flat lenses for uniform
illumination
• Mounting hardware provided: washer and nut
your first call for illuminated components
www.vcclite.com
1.800.522.5546
05/17 Rev 1
Applications
PCL22 Series
Ø 0.88” (22mm) Pilot Light
LED Panel Mount Indicator
PCL22 Series features a and modern design led pilot light for advance
light diffusion, in several colors for easy application in different environments
PCL22 Series features a and modern design led pilot light for advance
light diffusion, in several colors for easy application in different environments
TM
110º
VIEWING
ANGLE
12VAC/DC
24VAC/DC
Key Features
Industrial Machinery
Transportation Dashboards
Instrument Control Panels
• Maritime,
Oil and Gas Industry
Safety and Outdoor Applications
• Slot, Gaming and Vending Machines
• Retrofit solution: save energy and reduce
costs
• Other colors are available upon request
• IP65 protection rating protect panels against
entry of dust and moisture
• Diffused translucent lenses provide
uniform illumination
• Advance light diffusion technology which
eliminate hot spots.
• Available in five solid colors (red, green,
white, blue and yellow) and one bicolor
(red/green).
• Resistant to shock and vibration
• Pilot lights feature a large lens for a wide
viewing angle
• Maximum installation torque: 221 ft-lb
(300 N-m)
• LED Life Expectancy: Approx. 50,000 hours
• 2 voltage options: 12VAC/DC and 24VAC/DC
• RoHS and REACH Compliant
LED
COLOR
OPTIONS
MOUNTING
HOLE
Ø 22mm
• Designed for extreme harsh and outdoor
environments.
• For panel hole diameter: 0.88" (22mm)
IP65
• CE and CCC Mark Approvals
• “Double D” mounting hole prevent any rotation
of the Pilot Light while the nut is being installed.


Similar Part No. - PCL2224V100B

ManufacturerPart #DatasheetDescription
logo
PowerVolt Inc.
PCL2-20-24 POWERVOLT-PCL2-20-24 Datasheet
451Kb / 1P
   INTERNATIONAL CLASS 2 POWER TRANSFORMER
More results

Similar Description - PCL2224V100B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
   Waterproof In-line Connector for Industrial Machinery
logo
Hirose Electric
PQ HIROSE-PQ_18 Datasheet
1Mb / 16P
   High Power/Signal Connectors for Industrial Machinery
logo
Schaffner International...
FN-3256 SCHAFFNER-FN-3256 Datasheet
572Kb / 4P
   Compact Line Filter for Industrial Machinery/Equipment
logo
ABB
ACS355 ABB-ACS355 Datasheet
109Kb / 2P
   ABB machinery drives ABB machinery drives
logo
Skynet Electronic Copyr...
SNP-BXX SKYNET-SNP-BXX Datasheet
416Kb / 4P
   Machinery Power
logo
Beijing Yaohuadechang E...
JBK5-152-80-1000L YHDC-JBK5-152-80-1000L Datasheet
8Mb / 1P
   JBK5 machinery control transformer
logo
Panasonic Battery Group
APT1211 PANASONICBATTERY-APT1211 Datasheet
148Kb / 7P
   Phototriac Coupler for the Industrial Machinery, Consumer Electronics, and SSR Markets
logo
Beijing Yaohuadechang E...
JBK5-133-65-500L YHDC-JBK5-133-65-500L Datasheet
8Mb / 1P
   JBK5 machinery control transformer
JBK5-152-90-1200L YHDC-JBK5-152-90-1200L Datasheet
8Mb / 1P
   JBK5 machinery control transformer
JBK5-114-50-300L YHDC-JBK5-114-50-300L Datasheet
8Mb / 1P
   JBK5 machinery control transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com