Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55650202 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 55650202
Description  Relampable Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

55650202 Datasheet(HTML) 1 Page - API Technologies Corp

  55650202 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5565 Series Relampable Socket
2-81
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
DESCRIP TION A ND FE A T URES
Mounting: Printed circuit board, twist-in
Mounting patternonpage S P 2.
Contacts: C68800 copper alloy
Housing: Nylon
Lamp: T-1 3/4
All dimensions mm.
Ø11.20
34°
2.20
2.30
LAMP (S E E C HAR T )
T1-3/4 W E DG E B AS E D
R0.5 T Y P .
1.70 MAX .
7.45
5.40
7.90 MAX .
2.0
1.90
2.00
4.40
MAX .
13.50
LC L R E F
9.0/7.0
SUR F AC E "Z"
Ø12.0
MAX .
Ø13.50
Ø8.85
Ø8.25
L
HOLE
Ø2.0
DE P R E SSED T O S UR FAC E "Z".
COF C ONT AC T S W HE N
12.0±.040
SOC K ET COLOR LAMP T R ADE NO. C ML P AR T NO.
LAMP V E R S ION
BLAC K
GR E Y
GR E Y
BLUE
BLAC K
37
37
73
73
NO LAMP V E R S ION
-
55650703
55650303
55650403
55651003
55650702
55651002
-
BLUE
55650202
-
GR E Y
55651202
-
RE D
55651102
-
GR E E N
55650603
55650803
55651103
55650503
86
74
74
74
GR E Y
BLAC K
GR E E N
GR E Y
55651203
55650903
103
103
RE D
BLAC K


Similar Part No. - 55650202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
55650-0288 MOLEX7-55650-0288 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm(.079") Stack Height, with Solder Tab, 20 Circuits, Lead-free
55650-0388 MOLEX7-55650-0388 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm (.079") Stack Height, with Solder Tab, 30 Circuits, Lead-free
55650-0488 MOLEX7-55650-0488 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm (.079") Stack Height, with Solder Tab, 40 Circuits, Lead-free
55650-0588 MOLEX7-55650-0588 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm079") Stack Height, with Solder Tab, 50 Circuits, Lead-free
55650-0688 MOLEX7-55650-0688 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm(.079") Stack Height, with Solder Tab, 60 Circuits, Lead-free
More results

Similar Description - 55650202

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4105 VCC-4105 Datasheet
90Kb / 1P
   Relampable Socket
4144 VCC-4144 Datasheet
78Kb / 1P
   Relampable Socket
4151 VCC-4151 Datasheet
76Kb / 1P
   Relampable Socket
4140 VCC-4140 Datasheet
75Kb / 1P
   Relampable Socket
4106 VCC-4106 Datasheet
98Kb / 1P
   Relampable Socket
4110 VCC-4110 Datasheet
94Kb / 1P
   Relampable Socket
4111 VCC-4111 Datasheet
93Kb / 1P
   Relampable Socket
4138 VCC-4138 Datasheet
85Kb / 1P
   Relampable Socket
4107 VCC-4107 Datasheet
94Kb / 1P
   Relampable Socket
4120 VCC-4120 Datasheet
93Kb / 1P
   Relampable Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com