Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9238BSTZ-65 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9238BSTZ-65
Description  Dual A/D Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9238BSTZ-65 Datasheet(HTML) 5 Page - Analog Devices

  AD9238BSTZ-65 Datasheet HTML 1Page - Analog Devices AD9238BSTZ-65 Datasheet HTML 2Page - Analog Devices AD9238BSTZ-65 Datasheet HTML 3Page - Analog Devices AD9238BSTZ-65 Datasheet HTML 4Page - Analog Devices AD9238BSTZ-65 Datasheet HTML 5Page - Analog Devices AD9238BSTZ-65 Datasheet HTML 6Page - Analog Devices AD9238BSTZ-65 Datasheet HTML 7Page - Analog Devices AD9238BSTZ-65 Datasheet HTML 8Page - Analog Devices AD9238BSTZ-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
AD9238
Rev. C | Page 4 of 48
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 1.
Test
AD9238BST/BCP-20
AD9238BST/BCP-40
AD9238BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
VI
12
12
12
Bits
ACCURACY
No Missing Codes Guaranteed
Full
VI
12
12
12
Bits
Offset Error
Full
VI
±0.30
±1.2
±0.50
±1.1
±0.50
±1.1
% FSR
Gain Error1
Full
IV
±0.30
±2.2
±0.50
±2.4
±0.50
±2.5
% FSR
Differential Nonlinearity (DNL)2
Full
V
±0.35
±0.35
±0.35
LSB
25°C
I
±0.35
±0.9
±0.35
±0.8
±0.35
±1.0
LSB
Integral Nonlinearity (INL)2
Full
V
±0.45
±0.60
±0.70
LSB
25°C
I
±0.40
±1.4
±0.50
±1.4
±0.55
±1.75
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±4
±4
±6
μV/°C
Gain Error
Full
V
±12
±12
±12
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
VI
±5
±35
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.8
0.8
0.8
mV
Output Voltage Error (0.5 V Mode)
Full
V
±2.5
±2.5
±2.5
mV
Load Regulation @ 0.5 mA
Full
V
0.1
0.1
0.1
mV
INPUT REFERRED NOISE
Input Span = 1 V
25°C
V
0.54
0.54
0.54
LSB rms
Input Span = 2.0 V
25°C
V
0.27
0.27
0.27
LSB rms
ANALOG INPUT
Input Span = 1.0 V
Full
IV
1
1
1
V p-p
Input Span = 2.0 V
Full
IV
2
2
2
V p-p
Input Capacitance3
Full
V
7
7
7
pF
REFERENCE INPUT RESISTANCE
Full
V
7
7
7
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
Full
IV
2.25
3.0
3.6
2.25
3.0
3.6
2.25
3.0
3.6
V
Supply Current
IAVDD2
Full
V
60
110
200
mA
IDRVDD2
Full
V
4
10
14
mA
PSRR
Full
V
±0.01
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input4
Full
V
180
330
600
mW
Sine Wave Input2
Full
VI
190
212
360
397
640
698
mW
Standby Power5
Full
V
2.0
2.0
2.0
mW
MATCHING CHARACTERISTICS
Offset Error
25°C
V
±0.1
±0.1
±0.1
% FSR
Gain Error
25°C
V
±0.05
±0.05
±0.05
% FSR
1 Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.0 V external reference).
2 Measured at maximum clock rate with a low frequency sine wave input and approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AVSS. Refer to Figure
for the equivalent analog input structure.
29
4 Measured with dc input at maximum clock rate.
5 Standby power is measured with the CLK_A and CLK_B pins inactive (that is, set to AVDD or AGND).


Similar Part No. - AD9238BSTZ-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238BSTZ-65 AD-AD9238BSTZ-65 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238BSTZ-65EB AD-AD9238BSTZ-65EB Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

Similar Description - AD9238BSTZ-65

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
   DUAL A/D CONVERTER
logo
Analog Devices
AD9248 AD-AD9248_17 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
   LOW COST DUAL SLOPE A/D CONVERTER
ADC1105 AD-ADC1105_15 Datasheet
2Mb / 6P
   High Resolution, Dual Slope A/D Converter
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com