Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD10200BZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD10200BZ
Description  A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10200BZ Datasheet(HTML) 4 Page - Analog Devices

  AD10200BZ Datasheet HTML 1Page - Analog Devices AD10200BZ Datasheet HTML 2Page - Analog Devices AD10200BZ Datasheet HTML 3Page - Analog Devices AD10200BZ Datasheet HTML 4Page - Analog Devices AD10200BZ Datasheet HTML 5Page - Analog Devices AD10200BZ Datasheet HTML 6Page - Analog Devices AD10200BZ Datasheet HTML 7Page - Analog Devices AD10200BZ Datasheet HTML 8Page - Analog Devices AD10200BZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
–3–
AD10200
Test
MIL
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
(Continued)
Signal-to-Noise Ratio (SINAD)
8
(With Harmonics)
fIN = 10 MHz
25
°C
V
66
dBFS
Full
V
63
dBFS
fIN = 41 MHz
25
°C
I
4
63
65.5
dBFS
Full
II
5, 6
60.5
63
dBFS
fIN = 71 MHz
25
°C
I
4
61
63.5
dBFS
Full
II
5, 6
57
60
dBFS
fIN = 121 MHz
25
°C
I
4
56
58.5
dBFS
Full
II
5, 6
53
55
dBFS
Spurious Free Dynamic Range
9
fIN = 10 MHz
25
°C
V
81
dBFS
Full
V
70
dBFS
fIN = 41 MHz
25
°C
I
4
73
81
dBFS
Full
II
5, 6
67.5
dBFS
fIN = 71 MHz
25
°C
I
4
67
74
dBFS
Full
II
5, 6
60
dBFS
fIN = 121 MHz
25
°C
I
4
61
65
dBFS
Full
II
5, 6
55.5
58
dBFS
Two-Tone Intermodulation
Distortion
10 (IMD)
fIN = 10 MHz; fIN = 12 MHz
25
°C
V
86
dBc
Full
V
81
dBc
fIN = 71 MHz; fIN = 72 MHz
25
°C
V
70
dBc
Full
V
65
dBc
fIN = 121 MHz; fIN = 122 MHz
25
°C
I
4
55.5
62
dBc
Full
II
5, 6
53
57
dBc
Channel-to-Channel Isolation
11
fIN = 121 MHz
Full
IV
12
80
85
dB
NOTES
1All ac specifications tested by driving ENCODE and
ENCODE differentially.
2Gain Error measured at 2.5 MHz.
3Input VSWR guaranteed 10 MHz to 200 MHz.
4t
V and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital outputs swing. The digital output load during test is
not to exceed an ac load of 10 pF or a dc current of
± 40 mA.
5Supply voltages should remain stable within
± 5% for normal operation.
6Power dissipation measured with encode at rated speed and 0 dBm analog input.
7Analog Input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first 5 harmonic removed). Encode = 105 MSPS. SNR
is reported in dBFS, related back to converter full scale.
8Analog Input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. Encode = 105 MSPS. SINAD
is reported in dBFS, related back to converter full scale.
9Analog Input signal equal –1 dBFS; SFDR is ratio of converter full scale to worst spur.
10Both input tones at –7 dBFS; two tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third order intermod product. f1 = x MHz
± 100 kHz, f2 = x MHz ± 100 kHz.
11Channel-to-Channel isolation tested with A Channel/50
Ω terminated (A
INA2) grounded and a full-scale signal applied to B Channel (A INB2).
Specifications subject to change without notice.
REV.
B


Similar Part No. - AD10200BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10200BZ AD-AD10200BZ Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
More results

Similar Description - AD10200BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
STBHL02 AD-STBHL02_15 Datasheet
240Kb / 11P
   Analog Signal Conditioning Panels
REV. A
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com