Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9235 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9235
Description  3V A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9235_17 Datasheet HTML 2Page - Analog Devices AD9235_17 Datasheet HTML 3Page - Analog Devices AD9235_17 Datasheet HTML 4Page - Analog Devices AD9235_17 Datasheet HTML 5Page - Analog Devices AD9235_17 Datasheet HTML 6Page - Analog Devices AD9235_17 Datasheet HTML 7Page - Analog Devices AD9235_17 Datasheet HTML 8Page - Analog Devices AD9235_17 Datasheet HTML 9Page - Analog Devices AD9235_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Data Sheet
AD9235
Rev. D | Page 5 of 40
tA
tPD = 6.0ns MAX
2.0ns MIN
N–9
N–8
N–7
N–6
N–5
N–4
N–3
N–2
N–1
N
ANALOG
INPUT
CLK
DATA
OUT
N–1
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
Figure 2. Timing Diagram
AC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, AIN = –0.5 dBFS, 1.0 V internal reference, TMIN to TMAX,
unless otherwise noted.
Table 4.
AD9235BRU/BCP-20
AD9235BRU/BCP-40
AD9235BRU/BCP-65
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO
fINPUT = 2.4 MHz
25°C
V
70.8
70.6
70.5
dBc
fINPUT = 9.7 MHz
Full
IV
70.0
70.4
dBc
25°C
I
70.6
dBc
fINPUT = 19.6 MHz
Full
IV
69.9
70.3
dBc
25°C
I
70.4
dBc
fINPUT = 32.5 MHz
Full
IV
68.7
69.7
dBc
25°C
I
70.1
dBc
fINPUT = 100 MHz
25°C
V
68.7
68.5
68.3
dBc
SIGNAL-TO-NOISE RATIO
AND DISTORTION
fINPUT = 2.4 MHz
25°C
V
70.6
70.5
70.4
dBc
fINPUT = 9.7 MHz
Full
IV
69.9
70.3
dBc
25°C
I
70.5
dBc
fINPUT = 19.6 MHz
Full
IV
69.7
70.2
dBc
25°C
I
70.3
dBc
fINPUT = 32.5 MHz
Full
IV
68.3
69.5
dBc
25°C
I
69.9
dBc
fINPUT = 100 MHz
25°C
V
68.6
68.3
67.8
dBc
TOTAL HARMONIC DISTORTION
fINPUT = 2.4 MHz
25°C
V
–88.0
–89.0
–87.5
dBc
fINPUT = 9.7 MHz
Full
IV
–86.0
–79.0
dBc
25°C
I
–87.4
dBc
fINPUT = 19.6 MHz
Full
IV
–85.5
–79.0
dBc
25°C
I
–86.0
dBc
fINPUT = 32.5 MHz
Full
IV
–81.8
–74.0
dBc
25°C
I
–82.0
dBc
fINPUT = 100 MHz
25°C
V
–84.0
–82.5
–78.0
dBc
WORST HARMONIC
(SECOND OR THIRD)
fINPUT = 9.7 MHz
Full
IV
–90.0
–80.0
dBc
fINPUT = 19.6 MHz
Full
IV
–90.0
–80.0
dBc
fINPUT = 32.5 MHz
Full
IV
–83.5
–74.0
dBc


Similar Part No. - AD9235_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results

Similar Description - AD9235_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283_17 Datasheet
279Kb / 13P
   3V A/D Converter
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
AD9214 AD-AD9214_17 Datasheet
479Kb / 21P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com