Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT6100-N Datasheet(PDF) 6 Page - A-Data Technology

Part # OPT6100-N
Description  Optical Distributed Sensor Interrogator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

OPT6100-N Datasheet(HTML) 6 Page - A-Data Technology

  OPT6100-N Datasheet HTML 1Page - A-Data Technology OPT6100-N Datasheet HTML 2Page - A-Data Technology OPT6100-N Datasheet HTML 3Page - A-Data Technology OPT6100-N Datasheet HTML 4Page - A-Data Technology OPT6100-N Datasheet HTML 5Page - A-Data Technology OPT6100-N Datasheet HTML 6Page - A-Data Technology OPT6100-N Datasheet HTML 7Page - A-Data Technology OPT6100-N Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ODiSI 6100
ODiSI 6100 Preliminary Data Sheet
NOTES
PERFORMANCE
PARAMETER
SPECIFICATION
UNITS
Gage Spacing
2.6 mm
1.3 mm 0.65 mm
HD Standard Length Performance - Strain
Range
±12,000 ±12,000 ±12,000
µ
ϵ
Resolution
1
1
1
µ
ϵ
Accuracy1
±30
±30
±25
µ
ϵ
Repeatability at zero strain2
< ±5
< ±10
< ±20
µ
ϵ
Repeatability across full strain range3
±0.15
±0.35
±0.55
%
Dynamic Loading Rate
5
2.5
1
Hz
HD Standard Length Performance - Temperature
Maximum Temperature (Based on standard sensor.
Custom sensors available upon request.)
300
300
300
°C
Minimum Temperature (Based on standard sensor.
Custom sensors available upon request.)
-40
-40
-40
°C
Resolution
0.1
0.1
0.1
°C
Accuracy (consult factory)
-
-
-
°C
Repeatability
±0.01
±0.03
±0.06
%
HD Extended Length Performance - Strain
Range
±12,000 ±12,000 ±12,000
µ
ϵ
Resolution
1
1
1
µ
ϵ
Accuracy1
±30
±30
±25
µ
ϵ
Repeatability at zero strain2
< ±20
< ±30
< ±40
µ
ϵ
Repeatability across full strain range3
±0.15
±0.15
±0.55
%
Dynamic Loading Rate
Hz
Continuous Fiber Grating Performance - Strain
Range
±3,300
±7,500
±15,000
µ
ϵ
Resolution
1
1
1
µ
ϵ
Accuracy1
±15
±25
±35
µ
ϵ
Repeatability at zero strain2
< ±5
< ±10
< ±20
µ
ϵ
Repeatability across full strain range3
±1
±1
±0.5
%
Dynamic Loading Rate
10
10
10
Hz
1. Accuracy reflects ODiSI measurements compared to NIST traceable extensiometer measurements. Data based on average of 150 scans at
each of seven increments of strain, from 0 to maximum strain.
2. Repeatability at zero strain refers to offset from zero with no strain applied. NO filtering is applied.
3. Repeatability across strain range refers to average repeatability over full strain range. Repeatability is measured and reflects 2
σ standard
deviation from the mean with sample size of 150 scans. NO filtering is applied.
4. Specifications are subject to change at any time


Similar Part No. - OPT6100-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPT6794 ETC1-OPT6794 Datasheet
71Kb / 1P
   Phototransistor
More results

Similar Description - OPT6100-N

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4884 NI-NIPXIE-4884 Datasheet
219Kb / 6P
   Optical Sensor Interrogator
logo
A-Data Technology
ODISI-B A-DATA-ODISI-B Datasheet
394Kb / 2P
   Optical Distributed
logo
Lite-On Technology Corp...
LTR-329ALS-01 LITEON-LTR-329ALS-01 Datasheet
801Kb / 28P
   Optical Sensor
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
   Optical Sensor
LTR-706PS-01 LITEON-LTR-706PS-01 Datasheet
973Kb / 36P
   Optical Sensor
logo
Sensortechnics GmbH
LD83O6S-A SENSORTECHNICS-LD83O6S-A Datasheet
1Mb / 4P
   Optical Sensor
logo
Lite-On Technology Corp...
LTR-556ALS-01 LITEON-LTR-556ALS-01 Datasheet
724Kb / 40P
   Optical Sensor
LTR-579ALS-01 LITEON-LTR-579ALS-01 Datasheet
932Kb / 44P
   Optical Sensor
LTR-553ALS-01 LITEON-LTR-553ALS-01 Datasheet
727Kb / 41P
   Optical Sensor
LTR-578ALS-01 LITEON-LTR-578ALS-01 Datasheet
1Mb / 42P
   Optical Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com