Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHD720-2TU3-CGR Datasheet(PDF) 1 Page - A-Data Technology

Part # AHD720-2TU3-CGR
Description  Dustproof
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AHD720-2TU3-CGR Datasheet(HTML) 1 Page - A-Data Technology

  AHD720-2TU3-CGR Datasheet HTML 1Page - A-Data Technology AHD720-2TU3-CGR Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HD720 Waterproof/Dustproof/Shockproof External Hard Drive
HD720 is the ultra durable external hard drive with a sporty design. It features a large storage capacity,
and also undergoes stringent tests for waterproofing, dustproofing and shock resistance to provide
excellent protection of data. The HD720 is the most rugged data backup for your next adventure!
IP68 Water and Dust Resistant Qualified
Works normally even in a dusty environment or
after being submerged in its storage state in 2
meter-deep water for up to 120 minutes.
Tougher Shock Test Qualified
Has passed a stricter 1.8m drop test than the standard
military-grade (MIL-STD-810G 516.6) requirement.
Triple-Layer Protection
Incorporates exceptionally elastic silicone material to
provide great shock absorption from all angles.


Similar Part No. - AHD720-2TU3-CGR

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AHD700-1TU3-CBK A-DATA-AHD700-1TU3-CBK Datasheet
508Kb / 2P
   G Shock Sensor Protection
AHD700-1TU3-CBL A-DATA-AHD700-1TU3-CBL Datasheet
508Kb / 2P
   G Shock Sensor Protection
AHD700-2TU3-CBK A-DATA-AHD700-2TU3-CBK Datasheet
508Kb / 2P
   G Shock Sensor Protection
AHD700-2TU3-CBL A-DATA-AHD700-2TU3-CBL Datasheet
508Kb / 2P
   G Shock Sensor Protection
AHD710A-1TU3-CWH A-DATA-AHD710A-1TU3-CWH Datasheet
425Kb / 2P
   Designed for Mac-supports Time Machine
More results

Similar Description - AHD720-2TU3-CGR

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-HE3-FPC-S-3-B POWERDYNAMICS-PD-HE3-FPC-S-3-B Datasheet
200Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
PD-HEC3-FCC-3-B POWERDYNAMICS-PD-HEC3-FCC-3-B Datasheet
164Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
PD-HE3-MPC-S-3-B POWERDYNAMICS-PD-HE3-MPC-S-3-B Datasheet
195Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
PD-HEC3-MCC-3-B POWERDYNAMICS-PD-HEC3-MCC-3-B Datasheet
151Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
logo
Panasonic Semiconductor
EVN-5ESX50B54 PANASONIC-EVN-5ESX50B54 Datasheet
85Kb / 2P
   3 mm Square SMT Trimmer Potentiometers (Carbon Composition, Dustproof Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com