Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHV620S-1TU3-CWH Datasheet(PDF) 1 Page - A-Data Technology

Part # AHV620S-1TU3-CWH
Description  Slim profile design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AHV620S-1TU3-CWH Datasheet(HTML) 1 Page - A-Data Technology

  AHV620S-1TU3-CWH Datasheet HTML 1Page - A-Data Technology AHV620S-1TU3-CWH Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HV620S External Hard Drive
The ultra-portable HV620S packs up to 2TB of external storage in a drive that’s only 11.5mm thick. The
design also shines with a mirror-like gloss, simple but elegant and fitting for dependable, go-anywhere
storage that runs via fast USB 3.1. For all your content and with nearly universal device compatibility, the
HV620S embodies smart design that increases capacity and performance while reducing physical space
requirements.
Even Slimmer Design
The HV620S takes the proven performance and
reliability of our existing 2.5” external hard drives
and re-defines them. At only 11.5mm in profile, it’s
super-slim for sleek elegance and superior
portability, fitting easily in any briefcase or
backpack. From meeting rooms to treks in nature,
the HV620S never gets in the way and always adds
a touch of style to your storage.
Sleek and Glossy
The sleek lines and reflective, smooth surface of the
HV620 highlights its thin and elegant overall
appearance. It is ideal for those who wish to
maintain an aura of professionalism, or show off
their technical savvy


Similar Part No. - AHV620S-1TU3-CWH

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AHV620-1TBU3-CBK A-DATA-AHV620-1TBU3-CBK Datasheet
374Kb / 2P
   Scratch-Prevention Design
AHV620-1TBU3-CWH A-DATA-AHV620-1TBU3-CWH Datasheet
374Kb / 2P
   Scratch-Prevention Design
AHV620-2TBU3-CBK A-DATA-AHV620-2TBU3-CBK Datasheet
374Kb / 2P
   Scratch-Prevention Design
AHV620-2TBU3-CWH A-DATA-AHV620-2TBU3-CWH Datasheet
374Kb / 2P
   Scratch-Prevention Design
AHV620-3TBU3-CBK A-DATA-AHV620-3TBU3-CBK Datasheet
374Kb / 2P
   Scratch-Prevention Design
More results

Similar Description - AHV620S-1TU3-CWH

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SE730H A-DATA-SE730H Datasheet
473Kb / 2P
   Portable-slim design
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S Datasheet
219Kb / 1P
   Slim compact design
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
   Ultra Slim Design
logo
Axiomtek Co., Ltd.
GOT-5120T-830 AXIOMTEK-GOT-5120T-830 Datasheet
375Kb / 2P
   Ultra slim design: thickness 52mm
GOT-5840T-830 AXIOMTEK-GOT-5840T-830 Datasheet
375Kb / 2P
   Ultra Slim design: thickness 45mm
logo
Vecow Co., Ltd.
RES-3000 VECOW-RES-3000 Datasheet
844Kb / 2P
   Compact & Slim design, IP67 protection
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
GOT-5152T-830 AXIOMTEK-GOT-5152T-830 Datasheet
344Kb / 2P
   Ultra slim design: thickness 54.6mm
logo
Vecow Co., Ltd.
RES-1000 VECOW-RES-1000 Datasheet
357Kb / 2P
   Compact & Slim design, IP67 protection
logo
Axiomtek Co., Ltd.
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com