Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHD710A-1TU3-CWH Datasheet(PDF) 1 Page - A-Data Technology

Part # AHD710A-1TU3-CWH
Description  Designed for Mac-supports Time Machine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AHD710A-1TU3-CWH Datasheet(HTML) 1 Page - A-Data Technology

  AHD710A-1TU3-CWH Datasheet HTML 1Page - A-Data Technology AHD710A-1TU3-CWH Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADATA HD710A Waterproof / Dustproof / Shock-Resistant USB 3.0 External Hard Drive
Just For Mac Users
ADATA's HD710A is an ultra-durable external hard drive designed especially for you and your Macbook. It
features large storage capacities of 1TB or 2TB, superior data transfer speeds, and endures stringent tests
for waterproofing, dustproofing and shock resistance. Whether hiking among the Himalayas or urban
skyscrapers, the HD710A is the ultimate in portable data protection for your on-the-go lifestyle!
For You & Mac
The HD710A supports
Mac’s Time Machine
without you needing to
format the hard drive;
the HD710A also
provides huge
capacities ranging from 1TB to 2TB.
IP68 Water and Dust Resistant
The
HD710A has
passed the
stringent
IP68 test
(*the
toughest
level), offering excellent water and dust resistant
protection – even it’s in the dusty environment or
after being submerged in its storage state in 1.5
meter-deep water for up to 60 minutes!
Military Grade Shock Resistance
ADATA’s HD710A’s triple-layer construction with elastic
silicone material provides
great shock absorption and
it passes the MIL-STD-810G
516.6 military-grade
shock-resistant test to
ensure your data's safety!
Wrap-around USB
Cable
The SuperSpeed
USB 3.0 cable tucks
into a wrap-around
groove in the drive
casing, providing an
elegant storage
solution that
matches the highly
practical characteristics of the device. The HD710A
provides the best in portable data protection!


Similar Part No. - AHD710A-1TU3-CWH

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AHD710M-1TU3-CCF A-DATA-AHD710M-1TU3-CCF Datasheet
765Kb / 2P
   Waterproof
AHD710M-2TU3-CCF A-DATA-AHD710M-2TU3-CCF Datasheet
765Kb / 2P
   Waterproof
AHD710P-1TU31-CBK A-DATA-AHD710P-1TU31-CBK Datasheet
911Kb / 2P
   Military-grade plus for drops from 1.5m
AHD710P-1TU31-CBL A-DATA-AHD710P-1TU31-CBL Datasheet
911Kb / 2P
   Military-grade plus for drops from 1.5m
AHD710P-1TU31-CRD A-DATA-AHD710P-1TU31-CRD Datasheet
911Kb / 2P
   Military-grade plus for drops from 1.5m
More results

Similar Description - AHD710A-1TU3-CWH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362H-1-104 BOURNS-3362H-1-104 Datasheet
283Kb / 2P
   Rotor designed for automatic machine adjust interface
logo
Level One
GVT-2010 LVL1-GVT-2010 Datasheet
521Kb / 3P
   Supports low-time lag transmission
logo
Axiomtek Co., Ltd.
EBOX560-880-FL-ECM AXIOMTEK-EBOX560-880-FL-ECM Datasheet
268Kb / 1P
   Supports IntervalZero Windows real-time extension RTX2012
logo
Mercury United Electron...
MP24 MERCURY-MP24_15 Datasheet
105Kb / 1P
   MP24 is designed for top board assembly and a one time
MP25 MERCURY-MP25_15 Datasheet
105Kb / 1P
   MP25 is designed for top board assembly and a one time
MP4 MERCURY-MP4_15 Datasheet
107Kb / 1P
   MP4 is designed for top board assembly and a one time
MP5 MERCURY-MP5_15 Datasheet
107Kb / 1P
   MP5 is designed for top board assembly and a one time
logo
Cypress Semiconductor
CY27020 CYPRESS-CY27020 Datasheet
785Kb / 9P
   Supports clock requirements for printers
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Tyco Electronics
40668 MACOM-40668 Datasheet
48Kb / 1P
   REVERSE REEL FOR ARTOS MACHINE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com