Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV7251 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV7251
Description  supports 2x2 monochrome binning
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7251 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV7251 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7251 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
Cellular Phones
Digital Still Cameras (DSC)
Digital Video Camcorders (DVC)
¬
¬
¬
PC Multimedia
Tablets
Wearable Devices
Applications
¬
¬
¬
¬
¬
¬
¬
3 µm x 3 µm pixel
with OmniPixel3-GS™ technology
automatic black level calibration (ABLC)
programmable controls for:
- frame rate
- mirror and flip
- cropping and windowing
support output formats: 8/10-bit RAW
support for image sizes:
- 640 x 480
- 320 x 240
- 160 x 120
fast mode switching
supports horizontal and vertical 2:1
and 4:1 monochrome subsampling
supports 2x2 monochrome binning
one-lane MIPI serial output interface
one-lane LVDS serial output interface
embedded 256 bits of one-time
programmable (OTP) memory
for part identification
two on-chip phase lock loops (PLLs)
built-in 1.5V regulator for core
PWM
built-in strobe control
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV07251-A35A-1J
(B&W, lead-free, 35-pin CSP)
¬
OV07251-G04A-1G
(B&W, chip probing, 200 µm
backgrinding, reconstructed wafer
with good die)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 640 x 480
power supply:
- core: 1.5V (optional)
- analog: 2.8V (nominal)
- I/O: 1.8V (nominal)
power requirements:
- active: 119 mW @ 120 fps, VGA output
- standby: 15 µA for AVDD,
40 µA for DOVDD without input clock,
700 µA for DOVDD with input clock
- XSHUTDOWN: 5 µA for AVDD,
5 µA for DOVDD
temperature range:
- operating: -30°C to +70°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output interface: 1-lane MIPI/LVDS
serial output
output formats: 10-bit B&W RAW
lens size: 1/7.5"
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
lens chief ray angle: 29° non-linear
max S/N ratio: 39 dB
dynamic range: 69.6 dB @ 8x gain
maximum image transfer rate:
- 640x480: 120 fps
sensitivity: 10,800 mV/(µW.cm-2.sec)
@ 850 nm
scan mode: progressive
maximum exposure interval: 502 x tROW
pixel size: 3 µm x 3 µm
dark current: 80 e-/sec
@ 50°C junction temperature
image area: 1968 µm x 1488 µm
package dimensions:
- CSP: 3910 µm x 3410 µm
- COB: 3900 µm x 3400 µm
- RW: 3950 µm x 3450 µm
Product Specifications
Version 1.5, October, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. CameraChip and OmniPixel3-GS are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV7251
OV7251
image sensor array
output
interface
column
sample/hold
PLL
control register bank
regulator
SCCB slave interface
system control logic
timing generator
gain
control
MCP/N
MDP/N
image
array
AMP
10-bit
ADC


Similar Part No. - OV7251

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7251 OMNIVISION-OV7251 Datasheet
2Mb / 125P
   CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
version 2.12
More results

Similar Description - OV7251

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7261 OMNIVISION-OV7261 Datasheet
656Kb / 2P
   supports 2x2 monochrome binning
logo
OSRAM GmbH
KRDMLS31.23 OSRAM-KRDMLS31.23_16 Datasheet
708Kb / 22P
   Dual Binning
logo
Lumileds Lighting Compa...
LX18-P127-Y LUMILEDS-LX18-P127-Y Datasheet
1Mb / 17P
   Freedom From Binning
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
   Freedom From Binning
logo
List of Unclassifed Man...
LXH8-PW40 ETC1-LXH8-PW40 Datasheet
2Mb / 26P
   Freedom From Binning
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
   CMOS Monochrome Image Sensors
logo
Epson Company
S4E5B001B000A00 EPSON-S4E5B001B000A00 Datasheet
229Kb / 2P
   Monochrome EPD Controller Module
logo
Seoul Semiconductor
SDW01F1C SEOUL-SDW01F1C Datasheet
851Kb / 27P
   MacAdam 3-step binning
logo
Baumer IVO GmbH & Co. K...
BAUMER_VLG_02M IVO-BAUMER_VLG_02M Datasheet
358Kb / 1P
   Gigabit Ethernet, VGA, Monochrome
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com