Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F800BGHR-TL85 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LH28F800BGHR-TL85
Description  8 M-bit (512 kB x 16) SmartVoltage Flash Memories
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800BGHR-TL85 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LH28F800BGHR-TL85 Datasheet HTML 6Page - Sharp Corporation LH28F800BGHR-TL85 Datasheet HTML 7Page - Sharp Corporation LH28F800BGHR-TL85 Datasheet HTML 8Page - Sharp Corporation LH28F800BGHR-TL85 Datasheet HTML 9Page - Sharp Corporation LH28F800BGHR-TL85 Datasheet HTML 10Page - Sharp Corporation LH28F800BGHR-TL85 Datasheet HTML 11Page - Sharp Corporation LH28F800BGHR-TL85 Datasheet HTML 12Page - Sharp Corporation LH28F800BGHR-TL85 Datasheet HTML 13Page - Sharp Corporation LH28F800BGHR-TL85 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
- 10 -
LH28F800BG-L/BGH-L (FOR TSOP, CSP)
The CUI does not occupy an addressable memory
location. It is written when WE# and CE# are
active. The address and data needed to execute a
command are latched on the rising edge of WE# or
CE#
(whichever
goes
high
first).
Standard
microprocessor write timings are used. Fig. 12 and
Fig. 13 illustrate WE# and CE# controlled write
operations.
4 COMMAND DEFINITIONS
When the VPP voltage
≤ VPPLK, read operations
from the status register, identifier codes, or blocks
are enabled. Placing VPPH1/2/3 on VPP enables
successful block erase and word write operations.
Device operations are selected by writing specific
commands into the CUI. Table 3 defines these
commands.
Table 2
Bus Operations
MODE
NOTE
RP#
CE#
OE#
WE#
ADDRESS
VPP
DQ0-15
RY/BY#
Read
1, 2, 3, 8 VIH or VHH
VIL
VIL
VIH
XX
DOUT
X
Output Disable
3
VIH or VHH
VIL
VIH
VIH
X
X
High Z
X
Standby
3
VIH or VHH
VIH
XXXX
High Z
X
Deep Power-Down
4
VIL
XXXXX
High Z
VOH
Read Identifier Codes
8
VIH or VHH
VIL
VIL
VIH
See Fig. 2
X(NOTE 5)
VOH
Write
3, 6, 7, 8 VIH or VHH
VIL
VIH
VIL
XX
DIN
X
NOTES :
1.
Refer to Section 6.2.3 "DC CHARACTERISTICS".
When VPP
≤ VPPLK, memory contents can be read, but
not altered.
2.
X can be VIL or VIH for control pins and addresses, and
VPPLK or VPPH1/2/3 for VPP. See Section 6.2.3 "DC
CHARACTERISTICS" for VPPLK and VPPH1/2/3 voltages.
3.
RY/BY# is VOL when the WSM is executing internal
block erase or word write algorithms. It is VOH during
when the WSM is not busy, in block erase suspend
mode (with word write inactive), word write suspend
mode or deep power-down mode.
4.
RP# at GND±0.2 V ensures the lowest deep power-
down current.
5.
See Section 4.2 for read identifier code data.
6.
Command writes involving block erase or word write are
reliably executed when VPP = VPPH1/2/3 and VCC =
VCC1/2/3/4. Block erase or word write with VIH < RP# <
VHH produce spurious results and should not be
attempted.
7.
Refer to Table 3 for valid DIN during a write operation.
8.
Don’t use the timing both OE# and WE# are VIL.


Similar Part No. - LH28F800BGHR-TL85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGHRBL12 SHARP-LH28F800BGHRBL12 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHRBL85 SHARP-LH28F800BGHRBL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHRTL12 SHARP-LH28F800BGHRTL12 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHRTL85 SHARP-LH28F800BGHRTL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
More results

Similar Description - LH28F800BGHR-TL85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
   16 M-bit (2 MB x 8) SmartVoltage Flash Memories
LH28F160SGED-L10 SHARP-LH28F160SGED-L10 Datasheet
252Kb / 42P
   16 M-bit (512 kB x 16 x 2-Bank) SmartVoltage Dual Work Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com