Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV490 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV490
Description  on chip PLL to generate stable internal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV490 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV490 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV490 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Rear View Camera
Surround View System
¬ Camera Monitoring System
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
feature set optimized for next
generation surround view applications
simultaneous output of fully processed
YUV for display based applications and
RAW only to enable machine vision
downstream processing
parallel processing of two input streams
industry leading HDR technology, third
generation HDR technology allows
capturing of more details in bright
and dark environments
JTAG boundary scan
high speed serial data transfer with
MIPI CSI-2
embedded information including:
frame counter, temperature and
register data in each image to enable
critical automotive safety applications
industry’s first features to improve
image harmonization and
synchronization for surround view
applications
SCCB master interface for automatic
sensor configuration at power-on
SCCB slave interface for OV490
configuration by host
on chip PLL to generate stable internal
clock frequency
on chip voltage regulator
3.3V/1.8V to 1.2V
brown-out detection circuit and
output flag
embedded 32-bit RISC processor for
high performance and great flexibility
supports 1K bits of one time
programmable memory (OTP)
advanced ISP for high quality image
capturing and video streaming
advanced auto white balance (AWB)
AEC/AGC with statistical data from
hardware engine and algorithm running
on RISC
support of four user-defined ROI
windows for statistics
DNS (RAW de-noise) and
CIP (de-mosaic)
supports power cut mode designed for
power saving during system quiescence
AEC-Q100 grade 2 qualification
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV00490-B00G-TB
(lead-free, 100-pin BGA,
packed in tape and reel)
¬
OV00490-B00G-1B
(lead-free, 100-pin BGA,
packed in tray)
Ordering Information
¬
¬
power supply:
- core: 1.2V ± 10%
- I/O: 1.8V ± 10% or 3.3V ± 10%
power requirements: 250 mA
¬
¬
temperature range:
- operating: -40°C to +105°C ambient
temperature and -40°C to +125°C
junction temperature
package dimensions: 7 mm x 7 mm
Product Specifications
OV490
Version 1.3, April, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniBSI-2 is a trademark of OmniVision Technologies,
Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV490
input
interface
ISP
process
output
interface
MIPI RX
IDC
DVP IN
AEC/AGC
AWB
tone map
SCCBM1
SCCBM0
UART
UART1
brown out
SPI
SPI flash
PLL
32 bits RISC CPU
temperature sensor
regulator
128k
PRAM
32k
boot
ROM
SCCBS
reset
PWD
DMA
firmware
SYS bus
sensor 0/1
YUV/RAW[0:11]
XCLK
sensor 0
frame
sync
HDR
ISP
embedded
line
MIPI TX
DVP OUT
color
bar 2
color
bar 0/1
VFIFO
power down
RESET
SCK/SDA
Functional Block Diagram


Similar Part No. - OV490

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV491 OMNIVISION-OV491 Datasheet
447Kb / 2P
   Rear View Camera
OV493 OMNIVISION-OV493 Datasheet
449Kb / 2P
   Surround view system
OV495 OMNIVISION-OV495 Datasheet
448Kb / 2P
   local and global tone mapping support
More results

Similar Description - OV490

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN1673.0 INTERSIL-AN1673.0 Datasheet
214Kb / 4P
   Application Circuit to Generate Plus
logo
OmniVision Technologies...
OV7676 OMNIVISION-OV7676 Datasheet
4Mb / 2P
   on-chip phase lock loop (PLL)
logo
Integrated Device Techn...
MPC9772 IDT-MPC9772 Datasheet
442Kb / 17P
   3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
logo
Microchip Technology
AN665 MICROCHIP-AN665 Datasheet
158Kb / 17P
   USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
1997 - 2002
logo
Sony Corporation
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
logo
Fujitsu Component Limit...
MB15E03SLPFV1-G-BND-6E1 FUJITSU-MB15E03SLPFV1-G-BND-6E1 Datasheet
373Kb / 32P
   Single PLL Frequency Synthesizers with On-Chip Prescalers
logo
Siemens Semiconductor G...
SDA9188-3X SIEMENS-SDA9188-3X Datasheet
462Kb / 31P
   Picture-in-Picture Processor with On-Chip PLL
logo
Sony Corporation
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
logo
Sanyo Semicon Device
LC72P366 SANYO-LC72P366 Datasheet
154Kb / 14P
   On-Chip One-Time Programmable PROM Single-Chip PLL Controller
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com