Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB2SB Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # LB2SB
Description  Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LB2SB Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  LB2SB Datasheet HTML 1Page - GOOD-ARK Electronics LB2SB Datasheet HTML 2Page - GOOD-ARK Electronics LB2SB Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LB2SB thru LB10SB
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Reverse Voltage 200 and 1000V Forward Current 1.0A
RATINGS AND CHARACTERISTIC CURVES
(TA=25℃ unless ontherwise noted)


Similar Part No. - LB2SB

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
LB2S PFS-LB2S Datasheet
241Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Electronics ...
LB2S CHENDA-LB2S Datasheet
764Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
LB2S SUNMATE-LB2S Datasheet
394Kb / 2P
   SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Electronics ...
LB2S CHENDA-LB2S Datasheet
813Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results

Similar Description - LB2SB

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LB2SA GOOD-ARK-LB2SA Datasheet
173Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB1S PFS-MB1S Datasheet
508Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
LB2S PFS-LB2S Datasheet
241Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
MB05F PFS-MB05F Datasheet
588Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
logo
Microdiode Electronics ...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 19-Aug-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com