Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ6A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # KBJ6A
Description  Surface Mount Glass Passivated Standard Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

KBJ6A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  KBJ6A Datasheet HTML 1Page - GOOD-ARK Electronics KBJ6A Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Glass Passivated Standard Rectifiers
Reverse Voltage 50~1000V Forward Current 6A
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
High case dielectric strength of 2500 VRMS
Ideal for printed circuit boards
Glass passivated chip junction
Ultra surge current capability
Mechanical Data
Case:
KBJ(3S) Molded plastic body
Terminals:
Plated leads solderable per MIL-STD-750,Method 2026
High temperature soldering guaranteed:
260
/10 seconds, 0.375 (9.5mm) lead length,5lbs.(2.3kg) tension
Polarity:As marked on body
Mounting Torque:10 cm-kg (8.8 inches-lbs) max
Recommecded Torque: 5.7 cm-kg (5 inches-lbs)
Typical Applications
Maximum Ratings & Electrical Characteristics
Parameter
Symbol
KBJ6A
KBJ6B
KBJ6D
KBJ6G
KBJ6J
KBJ6K
KBJ6M
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified
TC=110
output current at 60Hz, sine wave R-load
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusig (t<8.3ms)
I
2t
A
2sec
Maximum instantaneous forward voltage drop
per leg at3.0A
Maximum DC reverse current at
TA=25
rated DC blocking voltage per leg
TA=125
R JA
R JC
Dielectric strength (Terminals to case, AC 1 minute)
VISO
V
Operating junction temperature range
TJ
Storage temperature range
TSTG
Notes:
(1) Unit case mounted on AL plate heatsink
(2) Unit mounted on P.C.B.with 0.5×0.5" (12×12mm) copper pads and 0.375" (9.5mm) lead length without heatsink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
www.goodark.com
Rev. 1.0
KBJ6A thru KBJ6M
General purpose use in ac-to-dc bridge full wave rectification for
Monitor,TV,Printer,Switching Mode Power Supply,Adapter,Audio
equipment,and Home Appliances applications
IF(AV)
Ratings at 25
ambient temperature unless otherwise specified.
2.3
(1)
26
(2)
Typical thermal resistance per leg
V
5
A
250
A
IFSM
6.0
(1)
180
A
IR
120
VF
1.00
2000
-55 to +150
-55 to +150
/W


Similar Part No. - KBJ6A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ6A WTE-KBJ6A Datasheet
51Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ6A DCCOM-KBJ6A Datasheet
419Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ6A WTE-KBJ6A Datasheet
76Kb / 4P
   6.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ6A BILIN-KBJ6A Datasheet
144Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ6A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
FM4001MH WEITRON-FM4001MH Datasheet
189Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SFM11MH WEITRON-SFM11MH Datasheet
730Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SM4001 WEITRON-SM4001 Datasheet
281Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M_09 Datasheet
279Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
   Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
   Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
   Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com