Electronic Components Datasheet Search |
|
M123A22BPC103KZJ Datasheet(PDF) 6 Page - Vishay Siliconix |
|
M123A22BPC103KZJ Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 8 page MIL-PRF-123 www.vishay.com Vishay Vitramon Revision: 15-May-17 6 Document Number: 45229 For technical questions, contact: mlcc@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Vishay Vitramon uses embossed plastic carrier tape (2) Reference: EIA standard RS 481 - “Taping of Surface Mount Components for Automatic Placement” (3) The quantities in the table are the maximum number of pieces per waffle package. Order quantity can be any amount (4) Order quantity for “A” package code can be any amount greater than or equal to 100 pieces. The maximum quantity on a reel is the same as the quantity specified for the “J” package code (5) Orders for “J” package code product must be in increments of the quantity listed in the table PACKAGE QUANTITIES (1)(2) STYLE BODY SIZE WAFFLE PACK “W” (3) TAPE AND REEL TAPE SIZE “A” (4) “J” (5) CKS51 0805 666 2 1000 8 mm CKS55 1206 511 ≥ 100 1000 8 mm CKS52 1210 475 ≥ 100 1000 8 mm CKS53 1808 430 ≥ 100 500 12 mm CKS56 1812 350 ≥ 100 500 12 mm CKS57 1825 244 ≥ 100 500 12 mm CKS54 2225 216 ≥ 100 500 12 mm PART MARKING EXPLANATION FIRST DIGIT SECOND DIGIT THIRD DIGIT EXAMPLES ALPHABETIC CHARACTER SIGNIFICANT FIGURES NUMERICAL CHARACTER DECIMAL MULTIPLIER V = Vishay A 1.0 0 100 B1.1 1 101 C1.2 2 102 D1.3 3103 E1.5 4 104 F1.6 5 105 G1.8 6 106 H2.0 7 107 J2.2 8 108 K2.4 9 109 L2.7 M3.0 N3.3 P3.6 Q3.9 R4.3 S4.7 VL0 = 2.7 pF T5.1 U5.6 VA2 = 100 pF V6.2 W6.8 VR1 = 43 pF X7.5 Y8.2 Vd3 = 4000 pF Z9.1 a2.5 b3.5 d4.0 e4.5 f5.0 m6.0 n7.0 t8.0 y9.0 VA1 Multiplier Capacitance code Vishay |
Similar Part No. - M123A22BPC103KZJ |
|
Similar Description - M123A22BPC103KZJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |