Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79XX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # LM79XX
Description  FIXED VOLTAGE REGULATOR (NEGATIVE)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM79XX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button LM79XX Datasheet HTML 2Page - Fairchild Semiconductor LM79XX Datasheet HTML 3Page - Fairchild Semiconductor LM79XX Datasheet HTML 4Page - Fairchild Semiconductor LM79XX Datasheet HTML 5Page - Fairchild Semiconductor LM79XX Datasheet HTML 6Page - Fairchild Semiconductor LM79XX Datasheet HTML 7Page - Fairchild Semiconductor LM79XX Datasheet HTML 8Page - Fairchild Semiconductor LM79XX Datasheet HTML 9Page - Fairchild Semiconductor LM79XX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MC79XX (LM79XX) (KA79XX/A)
FIXED VOLTAGE REGULATOR (NEGATIVE)
LM7912 ELECTRICAL CHARACTERISTICS
(VI= 18V, lO =500mA, 0
°C ≤T
J
≤ +125°C, C
I =2.2
µF, C
O = 1
µF, unless otherwise specified.)
* Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ = +25
°C
-11.5
-12
-12.5
Output Voltage
VO
IO = 5mA to 1A, PO 15W
VI = -15.5 to -27V
-11.4
-12
-12.6
V
VI = -14.5 to -30V
12
240
VI= -16 to -22V
6
120
TJ =+ 25
°C
IO = 5mA to 1.5A
12
240
TJ =+ 25
°C
IO = 250 to 750mA
4
120
Quiescent Current
IQ
TJ =+ 25
°C
3
6
mA
IO = 5mA to 1A
0.05
0.5
VI = -15 to -30V
0.1
1
Temperature Coefficient of VD
∆V
O/
∆T
IO = 5mA
-0.8
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+ 25
°C
200
µV
Ripple Rejection
RR
f = 120Hz
∆V
I = 10V
54
60
dB
Dropout Voltage
VD
TJ= +25
°C
IO = 1A
2
V
Short Circuit Current
ISC
TJ=+ 25
°C, V
I = -35V
300
mA
Peak Current
IPK
TJ=+ 25
°C
2.2
A
Line Regulation
Load Regulation
∆V
O
∆V
O
mV
TJ = 25
°C
mV
Quiescent Current Change
∆I
Q
mA


Similar Part No. - LM79XX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79XX NSC-LM79XX Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LM79XX ETC-LM79XX Datasheet
50Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
LM79XX FAIRCHILD-LM79XX Datasheet
284Kb / 15P
   3-Terminal 1A Negative Voltage Regulator
More results

Similar Description - LM79XX

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com