Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4T51083QB-GCD5 Datasheet(PDF) 24 Page - Samsung semiconductor

Part # K4T51083QB-GCD5
Description  512Mb B-die DDR2 SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T51083QB-GCD5 Datasheet(HTML) 24 Page - Samsung semiconductor

Back Button K4T51083QB-GCD5 Datasheet HTML 20Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 21Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 22Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 23Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 24Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 25Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 26Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 27Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 28Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Page 24 of 28
Rev. 1.5 July 2005
DDR2 SDRAM
512Mb B-die DDR2 SDRAM
18. tIS and tIH (input setup and hold) derating.
For all input signals the total tIS (setup time) and tIH(hold time) required is calculated by adding the datasheet tIS(base) and tIH(base) value to the delta
tIS and delta tIH derating value respectively. Example: tIS(total setup time)= tIS(base) + delta tIS.
∆tIS, ∆tIH Derating Values for DDR2-400, DDR2-533
CK, CK Differential Slew Rate
2.0 V/ns
1.5 V/ns
1.0 V/ns
Units
Notes
∆tIS
∆tIH
∆tIS
∆tIH
∆tIS
∆tIH
Command/
Address Slew
rate(V/ns)
4.0
+187
+94
+217
+124
+247
+154
ps
1
3.5
+179
+89
+209
+119
+239
+149
ps
1
3.0
+167
+83
+197
+113
+227
+143
ps
1
2.5
+150
+75
+180
+105
+210
+135
ps
1
2.0
+125
+45
+155
+75
+185
+105
ps
1
1.5
+83
+21
+113
+51
+143
+81
ps
1
1.0
0
0
+30
+30
+60
+60
ps
1
0.9
-11
-14
+19
+16
+49
+46
ps
1
0.8
-25
-31+5
-1+35
+29
ps
1
0.7
-43
-54
-13
-24
+17
+6
ps
1
0.6
-67
-83
-37
-53
-7
-23
ps
1
0.5
-110
-125
-80
-95
-50
-65
ps
1
0.4
-175
-188
-145
-158
-115
-128
ps
1
0.3
-285
-292
-255
-262
-225
-232
ps
1
0.25
-350
-375
-320
-345
-290
-315
ps
1
0.2
-525
-500
-495
-470
-465
-440
ps
1
0.15
-800
-708
-770
-678
-740
-648
ps
1
∆tIS and ∆tIH Derating Values for DDR2-667, DDR2-800
CK, CK Differential Slew Rate
2.0 V/ns
1.5 V/ns
1.0 V/ns
Units
Notes
∆tIS
∆tIH
∆tIS
∆tIH
∆tIS
∆tIH
Command/
Address Slew
rate(V/ns)
4.0
+150
+94
+180
+124
+210
+154
ps
1
3.5
+143
+89
+173
+119
+203
+149
ps
1
3.0
+133
+83
+163
+113
+193
+143
ps
1
2.5
+120
+75
+150
+105
+180
+135
ps
1
2.0
+100
+45
+130
+75
+160
+105
ps
1
1.5
+67
+21
+97
+51
+127
+81
ps
1
1.0
0
0
+30
+30
+60
+60
ps
1
0.9
-5
-14
+25
+16
+55
+46
ps
1
0.8
-13
-31
+17
-1
+47
+29
ps
1
0.7
-22
-54+8-24
+38
+6
ps
1
0.6
-34
-83
-4
-53
+26
-23
ps
1
0.5
-60
-125
-30
-95
0
-65
ps
1
0.4
-100
-188
-70
-158
-40
-128
ps
1
0.3
-168
-292
-138
-262
-108
-232
ps
1
0.25
-200
-375
-170
-345
-140
-315
ps
1
0.2
-325
-500
-295
-470
-265
-440
ps
1
0.15
-517
-708
-487
-678
-457
-648
ps
1
0.1
-1000
-1125
-970
-1095
-940
-1065
ps
1


Similar Part No. - K4T51083QB-GCD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T51083QC SAMSUNG-K4T51083QC Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51083QC-ZCCC SAMSUNG-K4T51083QC-ZCCC Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51083QC-ZCD5 SAMSUNG-K4T51083QC-ZCD5 Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51083QC-ZCD6 SAMSUNG-K4T51083QC-ZCD6 Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51083QC-ZCE6 SAMSUNG-K4T51083QC-ZCE6 Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
More results

Similar Description - K4T51083QB-GCD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T51083QC SAMSUNG-K4T51083QC Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51043QG SAMSUNG-K4T51043QG Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
K4T51043QE SAMSUNG-K4T51043QE Datasheet
943Kb / 45P
   512Mb E-die DDR2 SDRAM Specification
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com