Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4T51083QB-GCD5 Datasheet(PDF) 18 Page - Samsung semiconductor

Part # K4T51083QB-GCD5
Description  512Mb B-die DDR2 SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T51083QB-GCD5 Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button K4T51083QB-GCD5 Datasheet HTML 14Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 15Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 16Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 17Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 18Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 19Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 20Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 21Page - Samsung semiconductor K4T51083QB-GCD5 Datasheet HTML 22Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Page 18 of 28
Rev. 1.5 July 2005
DDR2 SDRAM
512Mb B-die DDR2 SDRAM
Input/Output capacitance
Electrical Characteristics & AC Timing for DDR2-533/400
(0
°C < TCASE < 95 °C; VDDQ = 1.8V + 0.1V; VDD = 1.8V + 0.1V)
Refresh Parameters by Device Density
Speed Bins and CL, tRCD, tRP, tRC and tRAS for Corresponding Bin
Parameter
Symbol
DDR2-400 / DDR2-533
Units
Min
Max
Input capacitance, CK and CK
CCK
1.0
2.0
pF
Input capacitance delta, CK and CK
CDCK
x
0.25
pF
Input capacitance, all other input-only pins
CI
1.0
2.0
pF
Input capacitance delta, all other input-only pins
CDI
x
0.25
pF
Input/output capacitance, DQ, DM, DQS, DQS
CIO
2.5
4.0
pF
Input/output capacitance delta, DQ, DM, DQS, DQS
CDIO
x
0.5
pF
Parameter
Symbol
256Mb
512Mb
1Gb
2Gb
4Gb
Units
Refresh to active/Refresh command time
tRFC
75
105
127.5
195
327.5
ns
Average periodic refresh interval
tREFI
0
°C ≤ TCASE ≤ 85°C
7.8
7.8
7.8
7.8
7.8
µs
85
°C < TCASE ≤ 95°C
3.9
3.9
3.9
3.9
3.9
µs
Speed
DDR2-533(D5)
DDR2-400(CC)
Units
Bin (CL - tRCD - tRP)
4 - 4 - 4
3 - 3 - 3
Parameter
min
max
min
max
tCK, CL=3
5
8
5
8
ns
tCK, CL=4
3.75
8
5
8
ns
tCK, CL=5
-
-
-
-
ns
tRCD
15
15
ns
tRP
15
15
ns
tRC
55
55
ns
tRAS
40
70000
40
70000
ns


Similar Part No. - K4T51083QB-GCD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T51083QC SAMSUNG-K4T51083QC Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51083QC-ZCCC SAMSUNG-K4T51083QC-ZCCC Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51083QC-ZCD5 SAMSUNG-K4T51083QC-ZCD5 Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51083QC-ZCD6 SAMSUNG-K4T51083QC-ZCD6 Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51083QC-ZCE6 SAMSUNG-K4T51083QC-ZCE6 Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
More results

Similar Description - K4T51083QB-GCD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T51083QC SAMSUNG-K4T51083QC Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K4T51043QG SAMSUNG-K4T51043QG Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
K4T51043QE SAMSUNG-K4T51043QE Datasheet
943Kb / 45P
   512Mb E-die DDR2 SDRAM Specification
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com