Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M123A13BPC103JZJ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M123A13BPC103JZJ
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M123A13BPC103JZJ Datasheet(HTML) 2 Page - Vishay Siliconix

  M123A13BPC103JZJ Datasheet HTML 1Page - Vishay Siliconix M123A13BPC103JZJ Datasheet HTML 2Page - Vishay Siliconix M123A13BPC103JZJ Datasheet HTML 3Page - Vishay Siliconix M123A13BPC103JZJ Datasheet HTML 4Page - Vishay Siliconix M123A13BPC103JZJ Datasheet HTML 5Page - Vishay Siliconix M123A13BPC103JZJ Datasheet HTML 6Page - Vishay Siliconix M123A13BPC103JZJ Datasheet HTML 7Page - Vishay Siliconix M123A13BPC103JZJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIL-PRF-123
www.vishay.com
Vishay Vitramon
Revision: 15-May-17
2
Document Number: 45229
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Detail ratings see “Selection Chart”
Note
(1) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance
Consult for questions: mlcc@vishay.com
QUICK REFERENCE DATA
DIELECTRIC
STYLE (CASE)
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
BP
CKS51 (0805)
100
1.0 pF
680 pF
BP
CKS55 (1206)
100
1.0 pF
2200 pF
BP
CKS52 (1210)
100
300 pF
3300 pF
BP
CKS53 (1808)
100
300 pF
1000 pF
BP
CKS56 (1812)
100
1200 pF
10 000 pF
BP
CKS57 (1825)
100
3600 pF
22 000 pF
BP
CKS54 (2225)
50
1100 pF
10 000 pF
BX
CKS51 (0805)
100
330 pF
18 000 pF
BX
CKS55 (1206)
100
4700 pF
39 000 pF
BX
CKS52 (1210)
100
5600 pF
100 000 pF
BX
CKS53 (1808)
100
5600 pF
100 000 pF
BX
CKS56 (1812)
100
27 000 pF
56 000 pF
BX
CKS57 (1825)
100
56 000 pF
470 000 pF
BX
CKS54 (2225)
50
120 000 pF
470 000 pF
ORDERING INFORMATION - MIL-PRF-123 (1)
M123A
10
BX
B
103
K
Z
W
MILITARY
STYLE
SLASH SHEET
DIELECTRIC
DC VOLTAGE
CAPACITANCE
VALUE
CAPACITANCE
TOLERANCE
TERMINATION
PACKAGING
MIL-PRF-123
10 = CKS51
(0805)
11 = CKS52
(1210)
12 = CKS53
(1808)
13 = CKS54
(2225)
21 = CKS55
(1206)
22 = CKS56
(1812)
23 = CKS57
(1825)
BP
BX
B = 50 V
C = 100 V
Expressed in
picofarads (pF).
The first two
digits are
significant,
the third is a
multiplier.
R denotes
decimal place.
Examples:
1R0 = 1.0 pF
103 = 10 000 pF
104 = 100 000 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.50 pF
F = ± 1 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
For BP:
B, C, D, J, K
For BX:
K, M
Z = Ni barrier
with tin / lead
plate min. 4 %
lead
S = guarded
termination
M = silver /
palladium alloy
W = waffle
pack
J = full 7" reel
A = 7" reel,
customer
defined
quantity
DIMENSIONS in inches (millimeters)
MIL-PRF-123
STYLE
LENGTH
(L)
WIDTH
(W)
THICKNESS (T)
TERM. (P)
MINIMUM
MAXIMUM
/10
CKS51
0.080 ± 0.015 (2.03 ± 0.38)
0.050 ± 0.015 (1.27 ± 0.38)
0.020 (0.51) 0.055 (1.40)
0.020 ± 0.010 (0.51 ± 0.25)
/11
CKS52
0.120 ± 0.015 (3.05 ± 0.38)
0.100 ± 0.015 (2.54 ± 0.38)
0.020 (0.51) 0.065 (1.65)
0.020 ± 0.010 (0.51 ± 0.25)
/12
CKS53
0.180 ± 0.015 (4.57 ± 0.38)
0.080 ± 0.015 (2.03 ± 0.38)
0.020 (0.51) 0.065 (1.65)
0.020 ± 0.010 (0.51 ± 0.25)
/13
CKS54
0.220 ± 0.015 (5.59 ± 0.38)
0.250 ± 0.015 (6.35 ± 0.38)
0.020 (0.51) 0.070 (1.78)
0.020 ± 0.010 (0.51 ± 0.25)
/21
CKS55
0.120 ± 0.015 (3.05 ± 0.38)
0.060 ± 0.015 (1.52 ± 0.38)
0.020 (0.51) 0.065 (1.65)
0.020 ± 0.010 (0.51 ± 0.25)
/22
CKS56
0.180 ± 0.015 (4.57 ± 0.38)
0.125 ± 0.015 (3.18 ± 0.38)
0.022 (0.56) 0.080 (2.03)
0.020 ± 0.010 (0.51 ± 0.25)
/23
CKS57
0.180 ± 0.015 (4.57 ± 0.38)
0.250 ± 0.015 (6.35 ± 0.38)
0.020 (0.51) 0.080 (2.03)
0.020 ± 0.010 (0.51 ± 0.25)
L
W
T
P


Similar Part No. - M123A13BPC103JZJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M123A13BXB105KS VISHAY-M123A13BXB105KS Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
More results

Similar Description - M123A13BPC103JZJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MIL-PRF-123 VISHAY-MIL-PRF-123_V01 Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681 Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com