Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7912 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # KA7912
Description  FIXED VOLTAGE REGULATOR (NEGATIVE)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7912 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA7912 Datasheet HTML 1Page - Fairchild Semiconductor KA7912 Datasheet HTML 2Page - Fairchild Semiconductor KA7912 Datasheet HTML 3Page - Fairchild Semiconductor KA7912 Datasheet HTML 4Page - Fairchild Semiconductor KA7912 Datasheet HTML 5Page - Fairchild Semiconductor KA7912 Datasheet HTML 6Page - Fairchild Semiconductor KA7912 Datasheet HTML 7Page - Fairchild Semiconductor KA7912 Datasheet HTML 8Page - Fairchild Semiconductor KA7912 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MC79XX (LM79XX) (KA79XX/A)
FIXED VOLTAGE REGULATOR (NEGATIVE)
LM7909 ELECTRICAL CHARACTERISTICS
(VI = 14V, lO = 500mA, 0
°C ≤T
J
≤+ 125°C, C
I =2.2
µF, C
O = 1
µF, unless otherwise specified)
* Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ =+ 25
°C
- 8.7
- 9.0
- 9.3
Output Voltage
VO
IO = 5mA to 1A, PO 15W
VI = -1.5 to -23V
- 8.6
- 9.0
- 9.4
V
VI = -10.5 to -25V
10
180
VI= -11 to -17V
5
90
TJ =+ 25
°C
IO = 5mA to 1.5A
12
180
TJ =+ 25
°C
IO = 250 to 750mA
4
90
Quiescent Current
IQ
TJ =+ 25
°C
3
6
mA
IO = 5mA to 1A
0.05
0.5
VI = -11.5 to -25V
0.1
1
Temperature Coefficient of VD
∆V
O/
∆T
IO = 5mA
-0.6
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+ 25
°C
175
µV
Ripple Rejection
RR
f = 120Hz
∆V
I = 10V
54
60
dB
Dropout Voltage
VD
TJ=+ 25
°C
IO = 1A
2
V
Short Circuit Current
ISC
TJ= +25
°C, V
I = -35V
300
mA
Peak Current
IPK
TJ =+25
°C
2.2
A
Line Regulation
∆V
O
Load Regulation
∆V
O
mV
mV
TJ = 25
°C
Quiescent Current Change
∆I
Q
mA


Similar Part No. - KA7912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7912 FAIRCHILD-KA7912 Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
List of Unclassifed Man...
KA7912 ETC2-KA7912 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
TAITRON Components Inco...
KA7912 TAITRON-KA7912 Datasheet
75Kb / 1P
   Voltage Regulators
logo
Fairchild Semiconductor
KA7912A FAIRCHILD-KA7912A Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
More results

Similar Description - KA7912

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com