Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1429-1 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1429-1
Description  Medium Power, N & 3.5mm Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1429-1 Datasheet(HTML) 1 Page - API Technologies Corp

  1429-1 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
107
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax:
301-846-9116 web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
08/03/2016
Terminations & Loads
Model 1429
dc to 18.0 GHz
Medium Power, N & 3.5mm Connectors
25 Watts
Convection Cooled
Features
o Designed to meet environmental requirements of
MIL-D-39030.
o Rugged injection molded connector.
o Low Intermodulation Option.
o 1 Kilowatt Peak Power
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 18.0 GHz
CONNECTOR: Type N connector per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connector. Choice of male (-4) or female connector (-3).
3.5mm connector mate nondestructively with SMA per MIL-
C-39012, 2.92mm and other 3.5mm connector. Choice of
male (-2) or female connector (-1).
CONSTRUCTION: Black, finned aluminum body, stainless
steel connector; gold plated beryllium copper female
contact or stainless steel male contact.
WEIGHT: 100 g (3.5 oz)
PHYSICAL DIMENSIONS:
NOTE: All dimensions are given in mm (inches) and are
maximum, unless otherwise specified.
MODEL NUMBER DESCRIPTION:
Example:
1429 - X - LIM
MAXIMUM SWR:
Frequency (GHz)
SWR
dc - 18
1.20
POWER RATING: 25 watts average (mounted horizon-
tally assuming unobstructed air flow and natural
convection around unit) @ 25°C ambient temperature,
derated linearly to 2.5 watts @ 125°C. 1 kilowatt peak
(5
μsec pulse width; 1.25% duty cycle).
INTERMODULATION (Model 1429-X-LIM Only):
IM3
(Reflected) = -100 dBc with two input signals @ 869 MHz
and 891 MHz with an average power of +41 dBm each.
TEMPERATURE RANGE: -55°C to +125°C
TEST DATA: Swept data plots of SWR from 50 MHz to
18 GHz is available at additional cost.
Model #
DIM A
Connector Type
1429-1
13.2 (0.52)
3.5mm female
1429-2
14.0 (0.55)
3.5mm male
1429-3
18.3 (0.72)
N female
1429-4
23.1 (0.91)
N male
Basic
Model
Number
Connector
Option
IM Option*
* Add -LIM to entire model number for Low Intermodulation option.
RoHS


Similar Part No. - 1429-1

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1429020000 WEIDMULLER-1429020000 Datasheet
267Kb / 3P
   HDC MBUS 2 FC
logo
PHOENIX CONTACT
1429059 PHOENIX-1429059 Datasheet
380Kb / 9P
   SACCBP-M12MS-6CON-M16/0,5-970 - Device connector, rear mounting
logo
Weidmuller
1429060000 WEIDMULLER-1429060000 Datasheet
685Kb / 4P
   HDC MHP 100 MC
logo
PHOENIX CONTACT
1429062 PHOENIX-1429062 Datasheet
380Kb / 9P
   SACCBP-M12MS-6CON-M16/1,0-970 - Device connector, rear mounting
logo
Weidmuller
1429080000 WEIDMULLER-1429080000 Datasheet
614Kb / 4P
   HDC MHP 100 FC
More results

Similar Description - 1429-1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1458 APITECH-1458 Datasheet
418Kb / 1P
   Medium Power, 3.5mm Connectors
1453 APITECH-1453 Datasheet
500Kb / 1P
   Medium Power, N Connectors
1418 APITECH-1418 Datasheet
519Kb / 1P
   Medium Power, N Connectors
1427 APITECH-1427 Datasheet
464Kb / 1P
   Medium Power, N or SMK Connectors
1476 APITECH-1476 Datasheet
438Kb / 1P
   Medium Power, N or SMK Connectors
1441 APITECH-1441 Datasheet
536Kb / 1P
   Medium Power, N or SMK Connectors
1446 APITECH-1446 Datasheet
409Kb / 1P
   Medium Power, 7/16 Connectors
logo
Maxim Integrated Produc...
MAX20327EVKIT MAXIM-MAX20327EVKIT Datasheet
862Kb / 9P
   SMA and 3.5mm Audio Jack Connectors
Rev 0; 8/18
MAX20337EVKIT MAXIM-MAX20337EVKIT Datasheet
1,002Kb / 7P
   SMA and 3.5mm Audio Jack Connectors
Rev 1; 1/21
logo
Switchcraft, Inc.
35HR07235X SWITCH-35HR07235X Datasheet
94Kb / 2P
   3.5MM STEREO TO 3.5MM, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com