Electronic Components Datasheet Search |
|
0015445172 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0015445172 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 10/17/2017 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0015445172 Status: Active Overview: C-Grid® Products Description: 2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical, High- Temperature, 72 Circuits Documents: 3D Model Product Specification TS-70541-001-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-70181-001 (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Receptacles Series 71850 Application Board-to-Board, Signal Overview C-Grid® Products Product Name C-Grid UPC 822348694617 Physical Circuits (Loaded) 72 Circuits (maximum) 72 Color - Resin Black Durability (mating cycles max) 50 Flammability 94V-0 Glow-Wire Compliant No Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Vertical PC Tail Length 3.05mm PCB Locator No PCB Retention None PCB Thickness - Recommended 1.57mm Packaging Type Tray Pitch - Mating Interface 2.54mm Pitch - Termination Interface 2.54mm Plating min - Mating 0.762µm Plating min - Termination 1.905µm Polarized to PCB No Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 2.5A Voltage - Maximum 250V Solder Process Data Lead-freeProcess Capability SMC&WAVE Process Temperature max. C 260 Material Info Series image - Reference only EU ELV Not Relevant EU RoHS China RoHS Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Not Reviewed ELV Not Relevant RoHS Phthalates Not Reviewed Search Parts in this Series 71850 Series Mates With 8624 , 70203 , 70246 Straight Header, 70247 Right Angle Header, 70287 , 70289 , 70227 , 70567 , 70280 , 70524 , 70260 , 8723 , 70568 , 8724 , 71764 , 70229 , 70 216, 71308 |
Similar Part No. - 0015445172_17 |
|
Similar Description - 0015445172_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |