Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M123A11BPC103DSW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M123A11BPC103DSW
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M123A11BPC103DSW Datasheet(HTML) 1 Page - Vishay Siliconix

  M123A11BPC103DSW Datasheet HTML 1Page - Vishay Siliconix M123A11BPC103DSW Datasheet HTML 2Page - Vishay Siliconix M123A11BPC103DSW Datasheet HTML 3Page - Vishay Siliconix M123A11BPC103DSW Datasheet HTML 4Page - Vishay Siliconix M123A11BPC103DSW Datasheet HTML 5Page - Vishay Siliconix M123A11BPC103DSW Datasheet HTML 6Page - Vishay Siliconix M123A11BPC103DSW Datasheet HTML 7Page - Vishay Siliconix M123A11BPC103DSW Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MIL-PRF-123
www.vishay.com
Vishay Vitramon
Revision: 15-May-17
1
Document Number: 45229
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Multilayer Ceramic Chip Capacitors
MIL Qualified, Type MIL-123
FEATURES
• Space-level reliability
• Military qualified products
• Federal stock control number, CAGE CODE 2770A
• High reliability tested per MIL-PRF-123
• Lead-bearing (min. 4 %) termination finish “Z”
• Silver / palladium alloy finish “M”
• Guarded termination finish “S”
• Wet build process
• Reliable Noble Metal Electrode (NME) system
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Space systems
• Satellite systems
• Avionic systems
• Sonar systems
• Missiles applications
• Global positioning systems
ELECTRICAL SPECIFICATIONS
Note
• Electrical characteristics at +25 °C, unless otherwise specified
Operating Temperature: -55 °C to +125 °C
Capacitance Range: 1.0 pF to 470 nF
Voltage Range: 50 VDC to 100 VDC
Temperature Coefficient of Capacitance (TCC):
BP: 0 ppm/°C ± 30 ppm/°C from -55 °C to +125 °C,
with 0 VDC applied
BX: ± 15 % from -55 °C to +125 °C,
with 0 VDC applied
BX: +15 %, -25 % from -55 °C to +125 °C,
with 100 % rated VDC applied
Dissipation Factor (DF):
BP: 0.15 % maximum
BX: 2.50 % maximum
Test frequency:
1 MHz ± 50 kHz for BP capacitors
≤ 1000 pF
All other BP and BX at 1 kHz ± 50 Hz
Aging Rate:
BP: 0 % maximum per decade
BX: 1 % maximum per decade
Insulation Resistance (IR):
at +25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
Dielectric Strength Test:
performed per method 103 of EIA-198-2-E.
Applied test voltages:
≤ 100 VDC-rated: 250 % of rated voltage


Similar Part No. - M123A11BPC103DSW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results

Similar Description - M123A11BPC103DSW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MIL-PRF-123 VISHAY-MIL-PRF-123_V01 Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681 Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com