Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M123A12BPB103DSW Datasheet(PDF) 4 Page - Vishay Siliconix

Part # M123A12BPB103DSW
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M123A12BPB103DSW Datasheet(HTML) 4 Page - Vishay Siliconix

  M123A12BPB103DSW Datasheet HTML 1Page - Vishay Siliconix M123A12BPB103DSW Datasheet HTML 2Page - Vishay Siliconix M123A12BPB103DSW Datasheet HTML 3Page - Vishay Siliconix M123A12BPB103DSW Datasheet HTML 4Page - Vishay Siliconix M123A12BPB103DSW Datasheet HTML 5Page - Vishay Siliconix M123A12BPB103DSW Datasheet HTML 6Page - Vishay Siliconix M123A12BPB103DSW Datasheet HTML 7Page - Vishay Siliconix M123A12BPB103DSW Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIL-PRF-123
www.vishay.com
Vishay Vitramon
Revision: 15-May-17
4
Document Number: 45229
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
161
160 pF
181
180 pF
201
200 pF
221
220 pF
241
240 pF
271
270 pF
301
300 pF
••
••••
331
330 pF
••
••••
361
360 pF
••
••••
391
390 pF
••
••••
431
430 pF
••
••••
471
470 pF
••
••••
511
510 pF
••••
561
560 pF
••••
621
620 pF
••••
681
680 pF
••••
751
750 pF
••••
821
820 pF
••••
911
910 pF
••••
102
1.0 nF
••••
112
1.1 nF
122
1.2 nF
132
1.3 nF
152
1.5 nF
162
1.6 nF
182
1.8 nF
202
2.0 nF
222
2.2 nF
242
2.4 nF
272
2.7 nF
302
3.0 nF
332
3.3 nF
362
3.6 nF
••
392
3.9 nF
••
432
4.3 nF
••
472
4.7 nF
••
512
5.1 nF
••
562
5.6 nF
••
622
6.2 nF
••
682
6.8 nF
••
752
7.5 nF
••
822
8.2 nF
••
912
9.1 nF
••
103
10 nF
••
113
11 nF
123
12 nF
133
13 nF
153
15 nF
163
16 nF
183
18 nF
203
20 nF
223
22 nF
SELECTION CHART
DIELECTRIC
BP
STYLE
CKS51
CKS55
CKS52
CKS53
CKS56
CKS57
CKS54
SLASH SHEET
/10
/21
/11
/12
/22
/23
/13
CASE CODE
0805
1206
1210
1808
1812
1825
2225
VOLTAGE (VDC)
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
VOLTAGE CODE
BCB
C
BCB
C
BC
BC
B
CAP. CODE
CAP.


Similar Part No. - M123A12BPB103DSW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M123A10BPB103CG AVX-M123A10BPB103CG Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
M123A10BPB103CM AVX-M123A10BPB103CM Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
M123A10BPB103CS AVX-M123A10BPB103CS Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
M123A10BPB103CZ AVX-M123A10BPB103CZ Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
M123A10BPB103DG AVX-M123A10BPB103DG Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
More results

Similar Description - M123A12BPB103DSW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MIL-PRF-123 VISHAY-MIL-PRF-123_V01 Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681 Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com