Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WL27-3P1102S16 Datasheet(PDF) 5 Page - SICK AG

Part # WL27-3P1102S16
Description  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL27-3P1102S16 Datasheet(HTML) 5 Page - SICK AG

  WL27-3P1102S16 Datasheet HTML 1Page - SICK AG WL27-3P1102S16 Datasheet HTML 2Page - SICK AG WL27-3P1102S16 Datasheet HTML 3Page - SICK AG WL27-3P1102S16 Datasheet HTML 4Page - SICK AG WL27-3P1102S16 Datasheet HTML 5Page - SICK AG WL27-3P1102S16 Datasheet HTML 6Page - SICK AG WL27-3P1102S16 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WL27-3P1102S16 | Reflex Array
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
WL27-3P1102S16, WL27-3P3402S13, WL27-3P3402S15
3
4
5
24.6 (0.97)
2
1
8.5
(0.33)
5.2
(0.2)
54.2 (2.13)
40 (1.57)
50 (1.97)
①  Opening of light band
②  Mounting hole ø 5.2 mm
③  LED indicator green: Supply voltage active
④  LED indicator yellow: Status of received light beam
⑤  Sensitivity setting: single teach-in button
Recommended accessories
Other models and accessories
www.sick.com/Reflex_Array
Brief description
Type
Part no.
Universal bar clamp systems
Plate N04 for universal clamp, steel, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N04
2051610
Device protection (mechanical)
Protective housing for universal clamp, Zinc plated steel (protective housing), Zinc die
cast (clamping bracket), Universal clamp (2031357), mounting hardware
BEF-SG-W27
2039601
Mounting brackets and plates
Mounting bracket with articulated arm for W11-2, W27, Dx50, steel, zinc coated, mount-
ing hardware included
BEF-WN-MULTI
2064469
Mounting bracket with hinged arm, steel, zinc coated, mounting hardware included
BEF-WN-W27
2009122
Reflectors
Rectangular, screw connection, 47 mm x 47 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
P250
5304812
Rectangular, screw connection, 37 mm x 56 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL40A
1012720
2017-09-11 15:01:27 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5


Similar Part No. - WL27-3P1102S16

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL27-3P2402S18 SICK-WL27-3P2402S18 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
WL27-3P3402S13 SICK-WL27-3P3402S13 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
WL27-3P3402S17 SICK-WL27-3P3402S17 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
WL27-3P3402S20 SICK-WL27-3P3402S20 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WL27-3P1102S16

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com