Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5115SD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5115SD
Description  Secondary Side Post Regulator Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5115SD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5115SD Datasheet HTML 1Page - National Semiconductor (TI) LM5115SD Datasheet HTML 2Page - National Semiconductor (TI) LM5115SD Datasheet HTML 3Page - National Semiconductor (TI) LM5115SD Datasheet HTML 4Page - National Semiconductor (TI) LM5115SD Datasheet HTML 5Page - National Semiconductor (TI) LM5115SD Datasheet HTML 6Page - National Semiconductor (TI) LM5115SD Datasheet HTML 7Page - National Semiconductor (TI) LM5115SD Datasheet HTML 8Page - National Semiconductor (TI) LM5115SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagram
20134902
16-Lead TSSOP, LLP
See NS Package Numbers MTC16 and SDA16A
Ordering Information
Ordering Number
Package Type
NSC Package Drawing
Supplied As
LM5115MM
TSSOP-16
MTC16
1000 shipped as Tape & Reel
LM5115MMX
TSSOP-16
MTC16
3500 shipped as Tape & Reel
LM5115SD
LLP-16
SDA16A
Available Soon
LM5115SDX
LLP-16
SDA16A
Available Soon
Pin Description
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1
CS
Current Sense amplifier positive input
A low inductance current sense resistor is connected between
CS and VOUT. Current limiting occurs when the differential
voltage between CS and VOUT exceeds 45mV (typical).
2
VOUT
Current sense amplifier negative input
Connected directly to the output voltage. The current sense
amplifier operates over a voltage range from 0V to 12V at the
VOUT pin.
3
AGND
Analog ground
Connect directly to the power ground pin (PGND).
4
CO
Current limit output
For normal current limit operation, connect the CO pin to the
COMP pin. Leave this pin open to disable the current limit
function.
5
COMP
Compensation. Error amplifier output
COMP pin pull-up is provided by an internal 300uA current
source.
6
FB
Feedback. Error amplifier inverting input
Connected to the regulated output through the feedback resistor
divider and compensation components. The non-inverting input
of the error amplifier is internally connected to the SS pin.
7
SS
Soft-start control
An external capacitor and the equivalent impedance of an
internal resistor divider connected to the bandgap voltage
reference set the soft-start time. The steady state operating
voltage of the SS pin equal to 0.75V (typical).
8
RAMP
PWM Ramp signal
An external capacitor connected to this pin sets the ramp slope
for the voltage mode PWM. The RAMP capacitor is charged
with a current that is proportional to current into the SYNC pin.
The capacitor is discharged at the end of every cycle by an
internal MOSFET.
www.national.com
2


Similar Part No. - LM5115SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5115SD TI-LM5115SD Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115SD/NOPB TI-LM5115SD/NOPB Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115SDX TI-LM5115SDX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115SDX/NOPB TI-LM5115SDX/NOPB Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
More results

Similar Description - LM5115SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com