Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBL4K Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GBL4K
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GBL4K Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GBL4K Datasheet HTML 1Page - GOOD-ARK Electronics GBL4K Datasheet HTML 2Page - GOOD-ARK Electronics GBL4K Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBL4A thru GBL4M
Glass Passivated Single-Phase Bridge Rectifier
Reverse Voltage 50~1000V Ountput Current 4.0A
www.goodark.com
1/3
2016.03-Rev.B
Features
• Glass passivated Bridge Rectifiers
• Ideal for PCB
• High surge current capability
High surge current capability
• Moisture sensitivity: level 1, per J-STD-020
• High temperature soldering guaranteed: 260
℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
Mechanical Data
• Case:GBL Molding compound meets UL 94V-0 flammability rating
• Case:GBL,Molding compound meets UL 94V-0 flammability rating
Typical Applications
• Terminals:Matte tin plated leads,solderable per MIl-STD-750 Method 2026,J-STD-002 and JESD22-
B102, meets JESD 201 class 1A whisker test
General purpose use in ac-to-dc bridge full wave rectification for TV,Monitor,SMPS,Adapter,
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
GBL4J
GBL4K
GBL4G
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Printer,Audio equipment,and Home Applications application
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
GBL4M
GBL4A
GBL4D
GBL4B
RMS
VDC
100
100
200
400
600
800
1000
V
IFSM
A
I
2tA2s
TJ, TSTG
°C
Operating junction and storage temperature range
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
Rating for fusing (t≤8.3ms)
g
Maximum DC blocking voltage
Maximum average output rectified current TC=50℃
TA=40℃
IF(AV)
3.0
(2)
A
4.0
(1)
150
93
-55 to 150
J,
STG
Maximum instantaneous
forward voltage
IF=2.0A
VF
Volts
pg j
g
p
g
Electrical Characteristics (TA = 25 °C unless otherwise noted)
GBL4A
GBL4D
Parameter
Test Conditions
Symbol
Unit
GBL4G
GBL4J
GBL4K
GBL4M
1.0
GBL4B
TA=25℃
TA=150℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
juntion to ambient
RθJA
juntion to case
RθJL
Maximum DC reverse current
at rated DC blocking voltage
IR
µA
10.0
500
95
40
Typical thermal resistance1)
22(2)
℃/W
3.5(1)
Note:1.Unit mounted on 3.0×3.0×0.11" thick(7.5×7.5×0.3 cm)Al.plate
2.Unit mounted on P.C.B. at 0.375"(9.5mm)lead length and 0.5×0.5" (13×13mm)copper pads
www.goodark.com
1/3
2016.03-Rev.B


Similar Part No. - GBL4K

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
GBL4K CYSTEKEC-GBL4K Datasheet
310Kb / 2P
   Glass passivated Single Phase Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
GBL4K BILIN-GBL4K Datasheet
392Kb / 4P
   SuperPlanar Bridge Rectifiers
logo
Cystech Electonics Corp...
GBL4KU CYSTEKEC-GBL4KU Datasheet
332Kb / 2P
   Glass passivated Single Phase Bridge Rectifiers
More results

Similar Description - GBL4K

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com