Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJL35J Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GBJL35J
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GBJL35J Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GBJL35J Datasheet HTML 1Page - GOOD-ARK Electronics GBJL35J Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJL35J THRU GBJL35M
Glass Passivated Single-Phase Bridge Rectifier
Reverse Voltage - 600V to 1000V
Forward Current - 35.0 Amperes
Features
◆ Thin Single In-Line package;
◆ Ideal for printed circuit boards;
◆ Glass Passivated chip junction;
◆ Low profile package;
◆ High Surge current capability;
◆ High case dielectric strength of 2500 V
RMS;
◆ Plastic package has Underwrites Laboratory
Flammability Classification 94V-0;
◆ Same footprint V.S GBJ package;
Mechanical Data
◆ Case: GBJL;
Epoxy meets UL-94V-0 Flammability rating;
◆ Terminals:Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102;
E3 suffix for customer grade, meet JESD 201;
◆ High temperature soldering guaranteed:
Solder Dip 270℃,10seconds;
◆ Polarity: As marked on body;
◆ Mounting Torgue: 10cm-kg (8.8inches-lbs) max;
◆ Recommend Torgue:Mounting Torgue:
5.7cm-kg (5inches-lbs);
Typical Applications
General purpose use in AC-to-DC bridge full wave rectification for
Package Dimensions in mm
Switching Power Supply, Home Appliances, Office Equipment,
Industrial Automation applications.
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
VRRM
VRMS
VDC
IFSM
I
2t
VF
RӨJA
RӨJC
TJ,TSTG
Notes:
1). Unit case mounted on Al plate heatsink;
2). Units mounted on PCB without heatsink;
3). Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw.
Amps
A
2sec
22
(2)
/W
Amps
Volt
μA
-55 to +150
1.5
(1)
Unit
V
V
V
560
700
800
1000
GBJL35K GBJL35M
800
1000
GBJL35J
600
420
600
Operating junction and Storage Temperature Range
TA=25℃
TA=125℃
Maximum DC Reverse Current at Rated
DC Blocking Voltage per leg
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Typical thermal resistance per leg
Maximum Instantaneous forward voltage drop per leg at 17.5A
Peak forward surge current 8.3 ms single sine-wave
superimposed on rated load (JEDEC Method)
Maximum average forward
rectified output current at
TC=110℃
Rating for fusing (t<8.3ms)
TA=25℃
IR
5
150
IF(AV)
35
(1)
450
1.05
3.8
(2)
840
+
~
~
-


Similar Part No. - GBJL35J

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBJL35J GOOD-ARK-GBJL35J_15 Datasheet
195Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 35.0 Amperes
More results

Similar Description - GBJL35J

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com