Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE5L60A Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # DE5L60A
Description  FastRecoveryDiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DE5L60A Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  DE5L60A Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DE5L60A Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DE5L60A Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DE5L60A Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
J532-p2014.11〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
tp
Sine wave
Non-repetitive
Tj=25℃
順方向特性
Forward Voltage
10
50
0.1
1
0.
51
2.5
33.5
1.5
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc=25℃(MAX)
Tc=25℃(TYP)
Pulse measurement
Forward Voltage VF〔V〕
せん頭サージ順電流耐量
Peak Surge Forward Capability
100
80
40
60
20
Number of Cycles〔cycle〕
100
10
せん頭サージ順電流耐量
Peak Surge Forward Capability
150
50
100
Pulse Width tp〔ms〕
10
せん頭サージ順電流減少率−接合部温度
Peak Surge Forward Current Derating vs Junction Temperature
100
80
40
60
20
Junction Temperature Tj〔℃〕
150
75
25
50
100
125
500
100
10
接合容量
Junction Capacitance
Reverse Voltage VR〔V〕
600
100
0.5
10
f=1MHz
Tc=25℃
TYP
過渡熱抵抗
Transient Thermal Impedance
10
0.01
0.1
0.0001 0.001
0.01
0.1
10
100
Time t〔s〕
0.05
0.1
0.2
0.3
SIN
0.5
D=0.8
DC
順電力損失曲線
Forward Power Dissipation
10
Average Rectified Forward Current IO〔A〕
45
67
Tj=150℃
D=tp/T
T
tp
IO
ディレーティングカーブ
Derating Curve
Case Temperature Tc〔℃〕
60
4080
160
100 120 140
20
D=tp/T
VR=VRM
T
tp
IO
VR
0.05
0.1
0.2
0.3
SIN
0.5
D=0.8
DC
DE5L60A
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
Title:02_DE5L60A.ec9 Page:3
Date: 2014/11/10 Mon 12:21:12


Similar Part No. - DE5L60A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DE5L60 SHINDENGEN-DE5L60 Datasheet
702Kb / 6P
   Super Fast Recovery Rectifiers
DE5L60U SHINDENGEN-DE5L60U Datasheet
132Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com