Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN460 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AN460
Description  Using the P82B96 for bus interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN460 Datasheet(HTML) 6 Page - NXP Semiconductors

  AN460 Datasheet HTML 1Page - NXP Semiconductors AN460 Datasheet HTML 2Page - NXP Semiconductors AN460 Datasheet HTML 3Page - NXP Semiconductors AN460 Datasheet HTML 4Page - NXP Semiconductors AN460 Datasheet HTML 5Page - NXP Semiconductors AN460 Datasheet HTML 6Page - NXP Semiconductors AN460 Datasheet HTML 7Page - NXP Semiconductors AN460 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Application note
AN460
Using the P82B96 for bus interface
2001 Feb 14
6
Terminology
Because the I2C bus handles bi-directional data flow, any buffer
device must be bi-directional. So inputs are also outputs. Describing
a buffer operation without reference to ‘input’ and ‘output’ signals
presents difficulties: forgive the occasional use of these descriptions.
We also make assumptions about the possible system connections
to the chip, but these should not be taken to imply restrictions. In
many of the applications described it would also be possible to
exchange the terms ‘I2C’ and ‘Buffered’ bus.
Sx and Sy: the I2C side
We have named one side of the P82B96 the ‘I2C’ side (Sx and Sy).
We intend that this I/O pin will mostly be connected to a normal 5V
I2C bus comprising just a few chips and short wiring — for example
a system not more complex than the I2C demonstration boards such
as OM4151 or OM1016. While this I/O pin is COMPATIBLE with
normal I2C signals, the logic voltage thresholds we use on this ‘I2C’
pin are non-standard.
Tx, Rx, and Ty, Ry: the buffered side
The other side of the chip features the separated input and output
pins Tx and Rx. While that provides the possibility to include
opto-couplers or to interface to other bus systems, in many
applications those two pins will simply be linked together to form an
I/O with properties exactly the same as any conventional I2C bus
product. We refer to the linked Rx/Tx I/O as the ‘buffered’ bus side.
This buffered I/O is intended for connection into all the unusual bus
systems — anything from 2 V to 15 V, with currents from microamps
to 30 mA static sink, and conventional 0.4 V saturation. Its input
logic threshold adapts to be always half the P82B96 VCC.
When the buffered bus pull-ups return to VCC the buffered bus is
fully I2C compliant.
Comparison between the P82B96 and the P82B715
bus extender
In the P82B96 the I2C and buffered bus loads are independent. The
bus loading on one input does not influence the load to be driven by
devices connected to the corresponding ‘buffered’ output. While the
I2C and buffered ports of one P82B96 share a common GND
connection, opto-coupling the buffered signals allows connection to
another I2C bus operating on a separate, isolated ground (Figures 4
and 5).
This is not the case in the P82B715 bus extender, which operates
by providing linear x10 current amplification of the bus current sink
capability in one direction only. Its two sides are linked by an internal
30
Ω resistor. This means that the loading on one side of the chip is
always part of the loading seen at the other side. It does not allow
different logic levels between busses having different voltages. The
bus voltages on each side of P82B715 are always matched within
100 mV.
The P82B96 is not pin-compatible with the P82B715, but its 30 mA
static sink capability will overlap some P82B715 applications.
P82B96 can also directly drive the 10x load that P82B715
drives — and P82B96 extends operation down to 2 V supply.
P82B96 FEATURES
Buffered bus drive capability
The 30 mA buffered bus static sink capability is useful when driving
opto-couplers.
It is also possible to drive low impedance, high voltage, long busses
directly from the P82B96, but the overall performance will be
dependent on the characteristics of the bus and it is difficult to fully
address this in the specifications for the P82B96.
1. The 30 mA Tx and Ty outputs do not guarantee full 100 kHz
operation when directly driving a long, high voltage bus. This is
because a 15 V supply and 30 mA static drive implies a
minimum pull-up resistor of 500
Ω. With 500Ω, a 4 nF bus load
means a time-constant of 2
µsecs., which exceeds the I2C
risetime specification.
On 5 V, the 30 mA drive permits a pull-up of 167
Ω, so the time
constant with a 4 nF bus load easily permits full 100 kHz
operation.
Typically, applications for long, high voltage, busses will use low
speeds. For example the clock speed will usually be chosen
lower than 30 kHz when working with a bus longer than 100
meters.
2. If the buffered side is used to directly drive long wires then
‘ringing’ on the output bus becomes a possibility, with a strong
probability that the I/O pin will be driven below the ground
potential.
The P82B96 does not allow I/O pins to be driven below ground
or above 15 V. Therefore for long, ‘dirty’ busses we recommend
the use of external schottky diode and zener clamps (Figure 7).
Table 1. Table of drive capability
Type of application
Will drive bus load
To guaranteed clock
Normal 5 V I2C
All normal I2C loads
100 kHz
Low impedance 5 V
1/10 R and 10*C (4 nF)
100 kHz
3.3 V
±10% bus
All normal I2C loads
100 kHz
Low impedance 3.3 V
1/10 normal R, 10*C
100 kHz
SMB bus (350
µA)
All SMB loads
normal SMB specs
15 V bus, 500
< 2 nF
100 kHz
15 V bus > 500
> 2 nF
depends on capacitance


Similar Part No. - AN460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4602 STMICROELECTRONICS-AN4602 Datasheet
595Kb / 23P
   This document is intended to guide in the usage of and to provide useful details related
More results

Similar Description - AN460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380PCIA TI-TI380PCIA Datasheet
530Kb / 40P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
TI380PCI TI1-TI380PCI Datasheet
477Kb / 36P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
logo
STMicroelectronics
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
   Using the ST8024 Smartcard Interface
logo
List of Unclassifed Man...
MB86046B ETC1-MB86046B Datasheet
4Mb / 86P
   MB86046B is home bus protocol controller for the home bus interface
logo
STMicroelectronics
AN2647 STMICROELECTRONICS-AN2647 Datasheet
480Kb / 34P
   Using the STR91xFA external memory interface
logo
Rohm
BA8272F ROHM-BA8272F Datasheet
108Kb / 6P
   Bus interface for car audio
BA8272AFV ROHM-BA8272AFV Datasheet
116Kb / 8P
   BUS Interface for car audio
BA8270F ROHM-BA8270F Datasheet
97Kb / 6P
   Bus interface for car audio
logo
Freescale Semiconductor...
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Festo Corporation.
575301 FESTO-575301 Datasheet
62Kb / 1P
   Bus interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com