Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD3X1600W8G11 Datasheet(PDF) 2 Page - A-Data Technology

Part # AD3X1600W8G11
Description  High speed up to 1600MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AD3X1600W8G11 Datasheet(HTML) 2 Page - A-Data Technology

  AD3X1600W8G11 Datasheet HTML 1Page - A-Data Technology AD3X1600W8G11 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Type
U-DIMM
VLP U-DIMM
R-DIMM
VLP R-DIMM
SO-DIMM
Form factor
Standard
(1.18" height)
Standard
(1.18" height)
Standard
(1.18" height)
Very low profile
(0.7" height)
Standard
(1.18" height)
Suitable for
Desktop
Desktop / Thin
client
Enterprise servers /
data centers
Blade servers
Notebook
Interface
240-pin
240-pin
240-pin
240-pin
204-pin
Capacity
2GB/4GB/8GB
2GB/4GB/8GB
2GB/4GB/8GB/16GB
4GB/8GB
2GB/4GB/8GB
Rank
Single / Dual
Single / Dual
Single / Dual
Single / Dual
Single / Dual
Speed
Up to 1600MHz
VDD voltage
1.5V
CAS latency
CL11
Refresh
Auto-refresh / self-refresh
Operating
temperature
0°C-85°C
RoHS
Yes
Standard
JEDEC
Warranty
Limited lifetime warranty
Ordering Information
Product
Capacity
Rank
Voltage
Data rate
Speed
CL
Part number
U-DIMM
2GB
Single
1.5V
1600MT/s
PC3-12800
CL = 11
AD3U160022G11
4GB
Single
1.5V
1600MT/s
PC3-12800
CL = 11
AD3U1600W4G11
8GB
Dual
1.5V
1600MT/s
PC3-12800
CL = 11
AD3U1600W8G11
VLP U-DIMM
4GB
Single
1.5V
1600MT/s
PC3-12800
CL = 11
AD3X1600W4G11
8GB
Dual
1.5V
1600MT/s
PC3-12800
CL = 11
AD3X1600W8G11
R-DIMM
4GB
Single
1.5V
1600MT/s
PC3-12800
CL = 11
AD3R1600W4G11
8GB
Dual
1.5V
1600MT/s
PC3-12800
CL = 11
AD3R1600W8G11
16GB
Dual
1.5V
1600MT/s
PC3-12800
CL = 11
AD3R1600Y16G11
VLP R-DIMM
4GB
Single
1.5V
1600MT/s
PC3-12800
CL = 11
AD3V1600W4G11
8GB
Dual
1.5V
1600MT/s
PC3-12800
CL = 11
AD3V1600W8G11
SO-DIMM
2GB
Single
1.5V
1600MT/s
PC3-12800
CL = 11
AD3S160022G11
4GB
Single
1.5V
1600MT/s
PC3-12800
CL = 11
AD3S1600W4G11
8GB
Dual
1.5V
1600MT/s
PC3-12800
CL = 11
AD3S1600W8G11


Similar Part No. - AD3X1600W8G11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD30 ETC2-AD30 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Guangzhou Reicu Electro...
AD30 REICU-AD30 Datasheet
559Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD30-D05 REICU-AD30-D05 Datasheet
559Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD30-D05-05 REICU-AD30-D05-05 Datasheet
559Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD30-D05-12 REICU-AD30-D05-12 Datasheet
559Kb / 1P
   AC/DC CONVERTER
REV:15.1
More results

Similar Description - AD3X1600W8G11

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
logo
List of Unclassifed Man...
MI-I56SL ETC2-MI-I56SL Datasheet
320Kb / 1P
   1x SO-DIMM DDR3L-1333/1600MHz up to 8G
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
logo
RF Micro Devices
RFPA1802 RFMD-RFPA1802 Datasheet
872Kb / 10P
   Integrated Power Amplifier 1600MHz to 2000MHz
logo
Linear Technology
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598_15 Datasheet
293Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
logo
Maxim Integrated Produc...
MAX2042A MAXIM-MAX2042A Datasheet
10Mb / 52P
   SiGe High-Linearity, 1600MHz to 3900MHz Upconversion/Downconversion
Rev 0; 6/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com