Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FER5VC4S1 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FER5VC4S1
Description  Extra Low Capacitance for Integrated ESD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FER5VC4S1 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FER5VC4S1 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Extra Low Capacitance for Integrated ESD
Mechanical Data
Notes
Dice size
AX:600um,BX:420um/P1,3,4,6-85*95um/Pin 5-270*105um
Wafer size
4” (Gross die:27,500pcs/Good die>25,575pcs)
Chip Thickness
(A)138um±12um (B)470um±20um
Scribe line width
60um
Top metal
Al/Au/Ag
Back side metal
Al/Au/Ag/Sn
Parameter
Symbol
Conditions
Value
Unit
Reverse stand-off voltage
VRWM
5.0
V
Peak pulse power
PPP
Tp=8/20us
150**
W
Peak pulse current
IPP
Tp=8/20us
5.0**
A
Electrostatic discharge
VESD
IEC61000-4-2
Level 4
± 15(AIR)
KV
Max.junction temp.
Tj
+150
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Breakdown voltage
VBR
IT=1mA
Pin 5 to 2
6.1
8.0
8.5
V
Reverse leakage current
IR
VR=5V
Pin 1,3,4,5,6 to 2
0.9
uA
Forward Voltage
VF
1F=15mA
Pin2 to Pin1,3,4,5,6
0.95
V
Clamping Voltage
VC
IPP=1A
IPP=5A
15.0
28.0
V
Diode capacitance I/O-GND
CI/O-GND
VR=0V
f=1MHZ
0.8
pf
Diode capacitance I/O-I/O
CI/O-I/O
VR=0V
f=1MHZ
0.4
pf
Characteristics TA=25℃
Notes:
(1)sampling testing:no bad dice inking/guaranteed good die >93%
(2)Testing follow customer
(3)Tj=Ta+Rth(j-a)*(pf+pr),where Rth(j-a)-thermal resistance,Pf-forward power dissipation,
Pr-revers power dissipation
(4)**For device testing
Futurewafer Technology Co.,Ltd
www.futurewafer.com.tw+886-3-3573583
FER5VC4S1
EW1608A5-FW-A


Similar Part No. - FER5VC4S1

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FERA10D GULFSEMI-FERA10D Datasheet
89Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
FERA16D GULFSEMI-FERA16D Datasheet
91Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:16.0A
FERA16G GULFSEMI-FERA16G Datasheet
93Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 16.0A
FERA16J GULFSEMI-FERA16J Datasheet
91Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:16.0A
FERA20D GULFSEMI-FERA20D Datasheet
88Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
More results

Similar Description - FER5VC4S1

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FM05VL FUTUREWAFER-FM05VL Datasheet
509Kb / 5P
   Extra Low Capacitance ESD Protection
FESD12V FUTUREWAFER-FESD12V Datasheet
749Kb / 5P
   Extra Low Capacitance ESD device
FM05VL-0.4PF FUTUREWAFER-FM05VL-0.4PF Datasheet
509Kb / 5P
   Extra Low Capacitance ESD Protection
FESD05V FUTUREWAFER-FESD05V Datasheet
913Kb / 7P
   Extra Low Capacitance ESD Device
FESD05BLC FUTUREWAFER-FESD05BLC Datasheet
920Kb / 4P
   Bi-directional, Extra Low Capacitance ESD Protection
FESD05LCD FUTUREWAFER-FESD05LCD Datasheet
613Kb / 5P
   Uni-directional, Extra Low Capacitance ESD Protection
FESD05LCD-0.8PF FUTUREWAFER-FESD05LCD-0.8PF Datasheet
613Kb / 5P
   Uni-directional, Extra Low Capacitance ESD Protection
FE0502A-0.4PF FUTUREWAFER-FE0502A-0.4PF Datasheet
926Kb / 5P
   Bi-directional, Extra Low Capacitance ESD Protection
FESD05BLC-0.4PF FUTUREWAFER-FESD05BLC-0.4PF Datasheet
920Kb / 4P
   Bi-directional, Extra Low Capacitance ESD Protection
FE0502A FUTUREWAFER-FE0502A Datasheet
926Kb / 5P
   Bi-directional, Extra Low Capacitance ESD Protection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com