Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD1800 Datasheet(PDF) 17 Page - Winbond

Part # ISD1800
Description  SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1800 Datasheet(HTML) 17 Page - Winbond

Back Button ISD1800 Datasheet HTML 13Page - Winbond ISD1800 Datasheet HTML 14Page - Winbond ISD1800 Datasheet HTML 15Page - Winbond ISD1800 Datasheet HTML 16Page - Winbond ISD1800 Datasheet HTML 17Page - Winbond ISD1800 Datasheet HTML 18Page - Winbond ISD1800 Datasheet HTML 19Page - Winbond ISD1800 Datasheet HTML 20Page - Winbond ISD1800 Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
I1800 SERIES
10. ELECTRICAL CHARACTERISTICS
10.1. DC PARAMETERS
PARAMETER
SYMBOL
MIN
[2]
TYP
[1]
MAX
[2]
UNITS
CONDITIONS
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOL = 4.0 mA
[3]
Output High Voltage
VOH
2.4
V
IOH = -1.6 mA
[3]
VCC Current (Operating)
ICC
30
mA
VCC = 4.5V
VCC Current (Standby)
ISB
0.5
10
µA
[4] [5]
Input Leakage Current
IILPD1
+1
µA
Force VSS
[6]
Input Current HIGH
IILPD2
30
150
400
µA
Force VCC
[7]
Input Current HIGH
IILPD3
3
130
µA
Force VCC
[8]
Output Load Impedance
REXT
8
Speaker Load,
SP+ to SP-
Preamp Input Resistance
RMIC, RMICREF
10
KΩ
MIC SP+/- Gain
AMSP
40
dB
AGC = 0.0V
Notes:
[1]
Typical values @ TA = 25° and VCC = 3.0V.
[2]
All Min/Max limits are guaranteed by Winbond via electrical testing or characterization. Not all
specifications are 100 percent tested.
[3]
Record LED output, RECLED .
[4]
VCCA and VCCD connected together.
[5]
REC, PLAYL, PLAYE, XCLK, and FT must be at VSSD.
[6]
REC, PLAYL and PLAYE.
[7]
REC, PLAYL and PLAYE.
[8]
Test limits of Final Test.
Publication Release Date: May 2003
- 17 -
Revision 0.0


Similar Part No. - ISD1800

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results

Similar Description - ISD1800

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD18A04 NUVOTON-ISD18A04 Datasheet
247Kb / 22P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 2 14- TO 8-SECONDS DURATION
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com