Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISD1800 Datasheet(PDF) 6 Page - Winbond

Part No. ISD1800
Description  SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

 6 page
background image
I1800 SERIES
6. PIN DESCRIPTION
PIN NAME
PIN NO.
I/O
FUNCTION
VSSD, VSSA
1, 16
Ground Supplies: Similar to VCCA and VCCD, the
analog and digital circuits internal to the I1800
device use separate ground buses to minimize
noise. These pins should be tied together as
close as possible to the device.
REC
1
2
I
Record: The REC input is an active-HIGH record
signal. The device records whenever REC is
HIGH. This pin must remain HIGH for the duration
of the recording. REC takes precedence over
either playback (PLAYL or PLAYE) signal. If REC
is pulled HIGH during a playback cycle, the
playback immediately ceases and recording
begins. A record cycle is completed when REC is
pulled LOW. An End-of-Message (EOM) marker
is internally recorded, enabling a subsequent
playback cycle to terminate appropriately. The
device automatically powers down to standby
mode when REC goes LOW. This pin has an
internal pull-down device. Holding this pin HIGH
will increase standby current consumption.
PLAYE
3
I
Playback, Edge-activated: When a HIGH-going
transition is detected on this input pin, a playback
cycle begins. Playback continues until an End-of-
Message (EOM) marker is encountered or the
end of the memory space is reached. Upon
completion of the playback cycle, the device
automatically powers down into standby mode.
Taking PLAYE LOW during a playback cycle will
not terminate the current cycle. This pin has an
internal pull-down device. Holding this pin HIGH
will increase standby current consumption.
PLAYL
4
I
Playback, Level-activated: When this input pin
level transits from LOW to HIGH, a playback cycle
is initiated. Playback continues until PLAYL is
pulled LOW or an End-of-Message (EOM) marker
is detected, or the end of the memory space is
reached. The device automatically powers down
to standby mode upon completion of the playback
cycle. This pin has an internal pull-down device.
Holding this pin HIGH will increase standby
current consumption.
NC
5, 6, 7, 8, 9,
11, 14, 20, 21,
22, 23, 24
Not Connected.
- 6 -




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD1810Single-Chip Single-Message Voice Record/Playback Device 8- to 16-Second Durations 1 2 3 4 5 MoreWinbond
ISD2532SINGLE-CHIP MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICE 32- 40- 48- AND 64-SECOND DURATION 1 2 3 4 5 MoreWinbond
ISD5116Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability 1 2 3 4 5 MoreWinbond
APR6016Voice Recording & Playback Device 16 Minute Duration 1 2 3 4 5 MoreAplus Intergrated Circuits
APR9301-V2-1SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE 1 2 3 4 5 MoreAplus Intergrated Circuits
APR9301-V2SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE 1 2 3 4 5 MoreAplus Intergrated Circuits
APR9600SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE 1 2 3 4 5 MoreAplus Intergrated Circuits
ISD5100SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY 1 2 3 4 5 MoreWinbond
APR6008Voice Recording & Playback Device Voice Recording & Playback Device 1 2 3 4 5 MoreAplus Intergrated Circuits
ISD1400Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl