Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCL3310M Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FCL3310M
Description  Low Capacitance TVS array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FCL3310M Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FCL3310M Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FCL3310M Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FCL3310M Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FCL3310M Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FCL3310M Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.01
0.1
1
10
0.1
1
10
100
1000
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-off Voltage
VRWM
3.3
V
Snap back Voltage
VSB
ISB=50mA
2.8
V
Reverse Leakage Current
IR
VR=3.3V,I/O-GND
1
uA
Clamping Voltage
VC
IPP=1A tp=8/20us
6
V
IPP=24A tp=8/20us
15
V
Junction Capacitance
C I/O
Pin capacitance to
GND.Vdc=0V,f=1MHZ
1.5
pf
Electrical Characteristics
Rating and characteristic curve
Futurewafer Technology co., Ltd.,
FIGURE 1
Non-repetitive Peak pulse power V.S pulse time
tp-Pulse Width(µS)
600W,8/20µS
E1609F8B-FW-001
FCL3310M
Low Capacitance TVS array


Similar Part No. - FCL3310M

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FCL33X FUTUREWAFER-FCL33X Datasheet
745Kb / 5P
   Single Line TVS for ESD Protection Device in Portable Electronics
FCL33X-50PF FUTUREWAFER-FCL33X-50PF Datasheet
745Kb / 5P
   Single Line TVS for ESD Protection Device in Portable Electronics
More results

Similar Description - FCL3310M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com