Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8551ETI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8551ETI
Description  Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8551ETI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8551ETI Datasheet HTML 1Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 2Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 3Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 4Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 5Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 6Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 7Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 8Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Integrated DDR Power-Supply Solutions for
Desktops, Notebooks, and Graphic Cards
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
Reference Voltage
VREF
AVDD = 4.5V to 5.5V; IREF = 0
1.98
2
2.02
V
Reference Load Regulation
IREF = 0 to 50µA
0.01
V
VREF rising
1.93
V
REF Undervoltage Lockout
Hysteresis
300
mV
FAULT DETECTION
OVP Trip Threshold
(Referred to Nominal VOUT)
UVP/OVP = AVDD (Note 4)
112
116
120
%
UVP Trip Threshold
(Referred to Nominal VOUT)
65
70
75
%
Lower level, falling edge, 1% hysteresis
87
90
93
POK1 Trip Threshold
(Referred to Nominal VOUT)
Upper level, rising edge, 1% hysteresis
107
110
113
%
Lower level, falling edge, 1% hysteresis
87.5
90
92.5
POK2 Trip Threshold
(Referred to Nominal VVTTS
and VVTTR)
Upper level, rising edge, 1% hysteresis
107.5
110
112.5
%
UVP Blanking Time
From rising edge of SHDNA
10
20
40
ms
OVP, UVP, POK_ Propagation
Delay
OVP not applicable in MAX8551
10
µs
POK_ Output Low Voltage
ISINK = 4mA
0.3
V
POK_ Leakage Current
VPOK_ = 5.5V, VFB = 0.8V, VVTTS = 1.3V
1
µA
ILIM Adjustment Range
VILIM
0.25
2.00
V
ILIM Input Leakage Current
0.1
µA
Current-Limit Threshold (Fixed)
PGND1 to LX
45
50
55
mV
Current-Limit Threshold
(Adjustable) PGND1 to LX
VILIM = 2V
170
200
235
mV
Current-Limit Threshold (Negative
Direction) PGND1 to LX
SKIP = AVDD (Note 4)
-75
-60
-45
mV
Current-Limit Threshold (Negative
Direction) PGND1 to LX
SKIP = AVDD, VILIM = 2V (Note 4)
-250
mV
Zero-Crossing Detection
Threshold PGND1 to LX
3mV
Thermal-Shutdown Threshold
+160
°C
Thermal-Shutdown Hysteresis
15
°C
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +15V, VDD = AVDD = VSHDNA = VSHDNB = VBST = VILIM = 5V, VOUT = VREFIN = VVTTI = 2.5V, UVP/OVP = STBY = FB = SKIP
= GND, PGND1 = PGND2 = LX = GND, TON = OPEN, VVTTS = VVTT, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 1)


Similar Part No. - MAX8551ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8551ETI MAXIM-MAX8551ETI Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8551ETI++ MAXIM-MAX8551ETI+ Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
More results

Similar Description - MAX8551ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8550 MAXIM-MAX8550_13 Datasheet
493Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 3; 4/13
MAX8632 MAXIM-MAX8632 Datasheet
512Kb / 29P
   Integrated DDR Power-Supply Solution for Desktops,Notebooks, and Graphic Cards
Rev 0; 3/05
MAX8550A MAXIM-MAX8550A Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
logo
NXP Semiconductors
HTSMOH5601EV118 NXP-HTSMOH5601EV118 Datasheet
1Mb / 51P
   Integrated Circuit for Contactless Identification Transponders and Cards
2006 July 18
logo
STMicroelectronics
AN2559 STMICROELECTRONICS-AN2559 Datasheet
997Kb / 35P
   System power supply board for digital solutions
logo
Rohm
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
logo
ON Semiconductor
NUP2201MR6T1G ONSEMI-NUP2201MR6T1G_07 Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com