Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFSL4610 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFSL4610
Description  IRFB4610 IRFS4610 IRFSL4610
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL4610 Datasheet(HTML) 2 Page - International Rectifier

  IRFSL4610 Datasheet HTML 1Page - International Rectifier IRFSL4610 Datasheet HTML 2Page - International Rectifier IRFSL4610 Datasheet HTML 3Page - International Rectifier IRFSL4610 Datasheet HTML 4Page - International Rectifier IRFSL4610 Datasheet HTML 5Page - International Rectifier IRFSL4610 Datasheet HTML 6Page - International Rectifier IRFSL4610 Datasheet HTML 7Page - International Rectifier IRFSL4610 Datasheet HTML 8Page - International Rectifier IRFSL4610 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF/B/S/SL4610
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.39mH
RG = 25Ω, IAS = 44A, VGS =10V. Part not recommended for use
above this value.
ƒ ISD ≤ 44A, di/dt ≤ 660A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.085 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11
14
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
RG
Gate Input Resistance
–––
1.5
–––
f = 1MHz, open drain
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
73
–––
–––
S
Qg
Total Gate Charge
–––
90
140
nC
Qgs
Gate-to-Source Charge
–––
20
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
36
–––
td(on)
Turn-On Delay Time
–––
18
–––
ns
tr
Rise Time
–––
87
–––
td(off)
Turn-Off Delay Time
–––
53
–––
tf
Fall Time
–––
70
–––
Ciss
Input Capacitance
–––
3550
–––
pF
Coss
Output Capacitance
–––
260
–––
Crss
Reverse Transfer Capacitance
–––
150
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) –––
330
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)
–––
380
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
73
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
290
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
35
53
ns
TJ = 25°C
VR = 85V,
–––
42
63
TJ = 125°C
IF = 44A
Qrr
Reverse Recovery Charge
–––
44
66
nC TJ = 25°C
di/dt = 100A/µs
f
–––
65
98
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.1
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VDS = 50V, ID = 44A
ID = 44A
VGS = 20V
VGS = -20V
MOSFET symbol
showing the
VDS = 80V
Conditions
VGS = 10V
f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V
h, See Fig.11
VGS = 0V, VDS = 0V to 80V
g, See Fig. 5
TJ = 25°C, IS = 44A, VGS = 0V
f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
c
VGS = 10V, ID = 44A
f
VDS = VGS, ID = 100µA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
ID = 44A
RG = 5.6Ω
VGS = 10V
f
VDD = 65V


Similar Part No. - IRFSL4610

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL4610 IRF-IRFSL4610 Datasheet
455Kb / 11P
   High Efficiency Synchronous Rectification in SMPS
logo
Inchange Semiconductor ...
IRFSL4610 ISC-IRFSL4610 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFSL4610PBF IRF-IRFSL4610PBF Datasheet
416Kb / 11P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com