Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA2611 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VCA2611
Description  Dual, Variable-Gain Amplifier with Low-Noise Preamp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA2611 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  VCA2611 Datasheet HTML 1Page - Burr-Brown (TI) VCA2611 Datasheet HTML 2Page - Burr-Brown (TI) VCA2611 Datasheet HTML 3Page - Burr-Brown (TI) VCA2611 Datasheet HTML 4Page - Burr-Brown (TI) VCA2611 Datasheet HTML 5Page - Burr-Brown (TI) VCA2611 Datasheet HTML 6Page - Burr-Brown (TI) VCA2611 Datasheet HTML 7Page - Burr-Brown (TI) VCA2611 Datasheet HTML 8Page - Burr-Brown (TI) VCA2611 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEATURES
q LOW-NOISE PREAMP:
– Low Input Noise: 0.95nV/
√Hz
– Active Termination Noise Reduction
– Switchable Termination Value
– 80MHz Bandwidth
– 5dB to 25dB Gain
– Differential In and Out
q LOW-NOISE VARIABLE GAIN AMPLIFIER:
– Low-Noise VCA
– Up to 40dB Gain Range
– 40MHz Bandwidth
– Differential In and Out
q LOW CROSSTALK: 66dB at Max Gain, 5MHz
q HIGH-SPEED VARIABLE GAIN ADJUST
q SWITCHABLE EXTERNAL PROCESSING
APPLICATIONS
q ULTRASOUND SYSTEMS
q WIRELESS RECEIVERS
q TEST EQUIPMENT
DESCRIPTION
The VCA2616 and VCA2611 are dual, Low-Noise Preamplifiers
(LNP), plus low-noise Variable Gain Amplifiers (VGA). The
VCA2611 is an upgraded version of the VCA2616. The only
difference between the VCA2616 and the VCA2611 is the input
structure to the LNP. The VCA2616 is limited to –0.3V negative-
going input spikes; the VCA2611 is limited to –2.0V negative-
going input spikes. This change allows the user to use slower
and less expensive input clamping diodes prior to the LNP input.
In some designs, input clamping may not be required.
The combination of Active Termination (AT) and Maximum
Gain Select (MGS) allow for the best noise performance. The
VCA2616 and VCA2611 also feature low crosstalk and out-
standing distortion performance.
The LNP has differential input and output capability and is
strappable for gains of 5dB, 17dB, 22dB, or 25dB. Low input
impedance is achieved by AT, resulting in as much as a 4.6dB
improvement in noise figure over conventional shunt termina-
tion. The termination value can also be switched to accommo-
date different sources. The output of the LNP is available for
external signal processing.
The variable gain is controlled by an analog voltage whose
gain varies from 0dB to the gain set by the MGS. The ability
to program the variable gain also allows the user to optimize
dynamic range. The VCA input can be switched from the LNP
to external circuits for different applications. The output can be
used in either a single-ended or differential mode to drive high-
performance Analog-to-Digital (A/D) converters, and is cleanly
limited for optimum overdrive recovery.
The combination of low noise, gain, and gain range program-
mability makes the VCA2616 and VCA2611 versatile building
blocks in a number of applications where noise performance
is critical. The VCA2616 and VCA2611 are available in a
TQFP-48 package.
Dual, Variable-Gain Amplifier
with Low-Noise Preamp
Low Noise
Preamp
5dB to 25dB
Programmable
Gain Amplifier
24 to 45dB
Voltage
Controlled
Attenuator
Analog
Control
Maximum Gain
Select
RF
2
RF
1
FB
FBSW
LNP
INP
LNP
INN
LNP
GS1
LNP
GS2
LNP
GS3
LNP
Gain
Set
Input
LNP
OUTP
SEL
VCA
INP
LNP
OUTN
VCA
INN
VCA
CNTL
FB
CNTL
VCA
OUTP
VCA
OUTN
MGS
1
MGS
2
MGS
3
Maximum Gain Select
VCA2616
(1 of 2 Channels)
VCA2616
VCA2611
SBOS234E – MARCH 2002 – REVISED NOVEMBER 2004
VCA2
616
www.ti.com
Copyright © 2002-2004, Texas Instruments Incorporated
All trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - VCA2611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2611EVM TI1-VCA2611EVM Datasheet
405Kb / 10P
[Old version datasheet]   SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
logo
TEXAS ADVANCED OPTOELEC...
VCA2611Y/250 TAOS-VCA2611Y/250 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2611Y/2K TAOS-VCA2611Y/2K Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
More results

Similar Description - VCA2611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Burr-Brown (TI)
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
logo
Burr-Brown (TI)
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com