Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WI106266WL50236BJ2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # WI106266WL50236BJ2
Description  Watercooled RF Power Pot Capacitors Internal Cooling System
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WI106266WL50236BJ2 Datasheet(HTML) 4 Page - Vishay Siliconix

  WI106266WL50236BJ2 Datasheet HTML 1Page - Vishay Siliconix WI106266WL50236BJ2 Datasheet HTML 2Page - Vishay Siliconix WI106266WL50236BJ2 Datasheet HTML 3Page - Vishay Siliconix WI106266WL50236BJ2 Datasheet HTML 4Page - Vishay Siliconix WI106266WL50236BJ2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TWXFZ 106266
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
4
Document Number: 22147
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
QUALITY AND RELIABILITY
ELECTRICAL AND MECHANICAL SCREENING TESTS
All capacitors are subjected to the following tests prior to shipment
• Capacitance value (1.0 MHz or 0.1 MHz, 20 VRMS, 25 °C ± 5 °C)
• Dissipation factor (1.0 MHz or 0.3 MHz, 10 VRMS, 25 °C ± 5 °C)
• Insulation resistance (100 VDC, 25 °C ± 5 °C)
• Dielectric strength (200 % rated peak voltage, 50 Hz, 5 minutes)
• RF-power test (120 % rated power for 10 minutes in a test generator circuit)
• Pressure test (standard: 6 bars [87 psi] for 1 minutes, 25 °C ± 5 °C)
WARRANTY STIPULATION FOR WATERCOOLED CERAMIC POWER RF CAPACITORS
• Unless otherwise provided for hereinafter, warranty shall be governed by General Terms of Sale and Delivery.
• Warranty is assumed for capacitors which fail to operate owing to faults in material or production, and within the warranty
period for capacitors.
• Excluded from warranty are capacitors prematurely rendered unserviceable owing to improper treatment, overloading, circuit
errors, as well as capacitors operated without observing the data given in our catalogue. Warranty is also excluded in cases
where faults can no longer be recognized on the capacitor owing to third party interferences. Warranty is only effectively
assumed when meeting the requirements referred to hereinafter.
• For claiming warranty, the defective capacitor should be returned to us, if possible in its original packing, within 14 days
following the data of failure, being accompanied by the completely filled-in and signed Original Guarantee Certificate. The
risks of transportation, as well as any shipping costs and other charges shall in any case be borne by the sender.
• Warranty can only become effective if the defective capacitor is received by us in the same condition as it was when it
happened to fail.
• We have the right to inspect any records proving the use of the capacitor.
• The decision as to whether we are obliged to assume warranty for the capacitor shall exclusively rest with us.
• When acknowledging the warranty claim, any non-repairable capacitor shall remain our property. When refusing a warranty
claim the defective capacitor will be returned at the customer’s expense only if demanded so explicitly when asserting the
warranty claim. In case examination required disassembly of the capacitor no claims for damage can be derived therefrom.
• The customer gives us the right to have the system checked in which the capacitor was operated.
• When acknowledging a warranty claim, restitution is made by supplying either a repaired and newly tested capacitor or by
supplying a new one.
• Warranty shall only extend to the capacitor itself. Any further claims for damages are excluded.
CONDITIONS OF GUARANTEE
Pursuant to the foregoing stipulations we assume warranty for these watercooled pot capacitors up to a period of 5000 hours
of operating service. Any claims for warranty, however will extinguish 24 months following the date of delivery.
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071


Similar Part No. - WI106266WL50236BJ2

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WI1016 SHARMA-WI1016 Datasheet
706Kb / 1P
   Round Rotary Potentiometer
More results

Similar Description - WI106266WL50236BJ2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TWIF085175 VISHAY-TWIF085175 Datasheet
102Kb / 6P
   Watercooled RF Power Pot Capacitors Internal Cooling System
Revision: 11-May-16
TWXFZ140266 VISHAY-TWXFZ140266 Datasheet
107Kb / 6P
   Watercooled RF Power Pot Capacitors Internal Cooling System
Revision: 11-Sep-15
TWX VISHAY-TWX Datasheet
152Kb / 11P
   Water Cooled RF Power Pot Capacitors, External Cooling System
TDFZ170229 VISHAY-TDFZ170229_15 Datasheet
82Kb / 4P
   RF Power Pot Capacitors
Revision: 07-Sep-15
TOSW118115 VISHAY-TOSW118115 Datasheet
78Kb / 3P
   Watercooled RF Power Barrel Capacitors for Dielectric Heating Equipment
Revision: 21-Jan-16
T050120 VISHAY-T050120 Datasheet
95Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T020030 VISHAY-T020030 Datasheet
134Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T085120 VISHAY-T085120 Datasheet
93Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T045090 VISHAY-T045090 Datasheet
132Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T.045090 VISHAY-T.045090 Datasheet
135Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 14-Sep-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com