Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF125236WN75136CB1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TF125236WN75136CB1
Description  RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TF125236WN75136CB1 Datasheet(HTML) 2 Page - Vishay Siliconix

  TF125236WN75136CB1 Datasheet HTML 1Page - Vishay Siliconix TF125236WN75136CB1 Datasheet HTML 2Page - Vishay Siliconix TF125236WN75136CB1 Datasheet HTML 3Page - Vishay Siliconix TF125236WN75136CB1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TDFZ 125213, TDFZ 125236, TDFZ 125260
www.vishay.com
Vishay Draloric
Revision: 07-Sep-15
2
Document Number: 22125
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The surface temperature during operation must not exceed +100 °C
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVp)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
TYPE TDFZ 125213
TF125213WN50136CB1
R16 HQ
500
18
Max. 2035
Max. 160
TF125213WN75136CB1
750
Max. 2300
Max. 180
TF125213WN10236CB1
1000
Max. 2540
Max. 200
TYPE TDFZ 125236
TF125236WN50136CB1
R16 HQ
500
18
Max. 2035
Max. 160
TF125236WN75136CB1
750
Max. 2300
Max. 180
TF125236WN10236CB1
1000
Max. 2540
Max. 200
TYPE TDFZ 125260
TF125260WF15236CB1
R16 HQ
1500
12
Max. 2000
Max. 250
TF125260WF20236CB1
2000
Max. 2450
Max. 290
DIMENSIONS in millimeters (inches)
M8 Thread*
Ø 125
(4.92 Dia.)
60°
60°
Ø 50
(1.97 Dia.)
Ø 85
(3.35 Dia.)
2
(0.08)
1
(0.04)
70
(2.76)
22 ± 1
(0.87 ± 0.04)
22 ± 1
(0.87 ± 0.04)
70
(2.76)
Ø 125
(4.92 Dia.)
Ø 85
(3.35 Dia.)
Ø 125
(4.92 Dia.)
Ø 7.0 ± 0.2
(0.276 ± 0.008 Dia.)
TDFZ 125236 provide solid cylindric brass terminals; Ø 50.8 mm (2.000" Dia.)
This allow plug-in compatible fuse clip mounting for vacuum capacitor replacement
TDFZ 125213, TDFZ 125260
TDFZ 125236
Ø 50.8 ± 0.5
(2.000 ± 0.020 Dia.)
Ø 50.8 ± 0.5
(2.000 ± 0.020 Dia.)


Similar Part No. - TF125236WN75136CB1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TF12 HIROSE-TF12 Datasheet
255Kb / 7P
   0.5mm PITCH Back-Flip Type
TF12-9S-0.5SH HIROSE-TF12-9S-0.5SH Datasheet
255Kb / 7P
   0.5mm PITCH Back-Flip Type
logo
Rhombus Industries Inc.
TF120-10 RHOMBUS-IND-TF120-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF120-10 RHOMBUS-IND-TF120-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF120-5 RHOMBUS-IND-TF120-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF125236WN75136CB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOSZ118100 VISHAY-TOSZ118100 Datasheet
78Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ100110 VISHAY-TOSZ100110 Datasheet
74Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ118078 VISHAY-TOSZ118078 Datasheet
81Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ120055 VISHAY-TOSZ120055 Datasheet
83Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSW118115 VISHAY-TOSW118115 Datasheet
78Kb / 3P
   Watercooled RF Power Barrel Capacitors for Dielectric Heating Equipment
Revision: 21-Jan-16
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
TOSZ VISHAY-TOSZ Datasheet
229Kb / 4P
   Barrel-Style Capacitors for Dielectric Heating Equipment
Revision: 19-Sep-02
TDZ050170 VISHAY-TDZ050170_15 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
logo
Taiyo Yuden (U.S.A.), I...
MSASJ063AB5105MFNA01 TAIYO-YUDEN-MSASJ063AB5105MFNA01 Datasheet
434Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com