Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8550-MAX8551 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8550-MAX8551
Description  Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8550-MAX8551 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8550-MAX8551 Datasheet HTML 7Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 8Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 9Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 10Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 11Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 12Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 13Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 14Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Integrated DDR Power-Supply Solutions for
Desktops, Notebooks, and Graphic Cards
______________________________________________________________________________________
11
MAX8550/
MAX8551
S
R
Q
S
R
Q
ON-TIME
COMPUTE
tON
ONE-SHOT
1.0V
LX
LX
1.16 x INTREF
OVP/UVP
LATCH
QUAD LEVEL
DECODE
20ms
TIMER
0.7 x INTREF
INTREF
FB
DECODE
DISCHARGE
LOGIC
N
2V
REFERENCE
INTREF
VOUT = 1.8V
VOUT = 2.5V
N
INTREF + 10%
INTREF - 10%
N
POWER-DOWN*
*POWER-DOWN
FORCES POK2 LOW
AND VTT, VTTR TO
HIGH IMPEDANCE.
+0.4V
10k
10k
REFIN / 2
REFIN / 2 - 10%
REFIN / 2 + 10%
REFIN / 2 - 10%
REFIN / 2 + 10%
IN
BST
DH
LX
VDD
DL
PGND
ILIM
VDD - 1V
OUT
AVDD
GND
REF
REFIN
VTT
VDD
VDD
N
N
PGND2
VTTR
SS
POK2
FB
POK1
OVP/UVP
(N.C. IN MAX8551)
TON
tOFF
Q
TRIG
ONE-SHOT
Q
TRIG
ZERO CROSSING
VTTS
VTTI
CURRENT
LIMITS
VTT ILIM
VTTR ILIM
STBY
SHUTDOWN
DECODER
BUCK ON/OFF
VTT ON/OFF
VTTR ON/OFF
BIAS ON/OFF
SHDNA
SHDNB
SKIP
(TP1 IN MAX8551
MUST BE CONNECTED TO GND)
VTTI
PGND2
OUT
Figure 1. Functional Diagram


Similar Part No. - MAX8550-MAX8551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8550A MAXIM-MAX8550A Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
MAX8550A MAXIM-MAX8550A Datasheet
295Kb / 8P
   Evaluation Kit
Rev 1; 11/04
MAX8550AETI MAXIM-MAX8550AETI Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
MAX8550ETI MAXIM-MAX8550ETI Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
More results

Similar Description - MAX8550-MAX8551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8550 MAXIM-MAX8550_13 Datasheet
493Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 3; 4/13
MAX8632 MAXIM-MAX8632 Datasheet
512Kb / 29P
   Integrated DDR Power-Supply Solution for Desktops,Notebooks, and Graphic Cards
Rev 0; 3/05
MAX8550A MAXIM-MAX8550A Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
logo
NXP Semiconductors
HTSMOH5601EV118 NXP-HTSMOH5601EV118 Datasheet
1Mb / 51P
   Integrated Circuit for Contactless Identification Transponders and Cards
2006 July 18
logo
STMicroelectronics
AN2559 STMICROELECTRONICS-AN2559 Datasheet
997Kb / 35P
   System power supply board for digital solutions
logo
Rohm
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
logo
ON Semiconductor
NUP2201MR6T1G ONSEMI-NUP2201MR6T1G_07 Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com