Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40IMX4-1205-8KZG Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # 40IMX4-1205-8KZG
Description  IMX4 Series Data Sheet 4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

40IMX4-1205-8KZG Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button 40IMX4-1205-8KZG Datasheet HTML 4Page - Bel Fuse Inc. 40IMX4-1205-8KZG Datasheet HTML 5Page - Bel Fuse Inc. 40IMX4-1205-8KZG Datasheet HTML 6Page - Bel Fuse Inc. 40IMX4-1205-8KZG Datasheet HTML 7Page - Bel Fuse Inc. 40IMX4-1205-8KZG Datasheet HTML 8Page - Bel Fuse Inc. 40IMX4-1205-8KZG Datasheet HTML 9Page - Bel Fuse Inc. 40IMX4-1205-8KZG Datasheet HTML 10Page - Bel Fuse Inc. 40IMX4-1205-8KZG Datasheet HTML 11Page - Bel Fuse Inc. 40IMX4-1205-8KZG Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 10 of 12
MELCHER
The Power Partners.
Immunity to Environmental Conditions
Table 9: Mechanical and climatic stress
Test Method
Standard
Test conditions
Status
Ca
Damp heat
IEC/EN 60068-2-78
Temperature:
40 ±2 °C
Converter
steady state
MIL-STD-810D section 507.2
Relative humidity:
93 +2/-3 %
not
Duration:
56 days
operating
Ea
Shock
IEC/EN 60068-2-27 1
Acceleration amplitude:
100 gn = 981 m/s2
Converter
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
6 ms
operating
Number of bumps:
18 (3 each direction)
Eb
Bump
IEC/EN 60068-2-29
Acceleration amplitude:
40 gn = 392 m/s2
Converter
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
6 ms
operating
Number of bumps:
6000 (1000 each direction)
Fc
Vibration
IEC/EN 60068-2-6
Acceleration amplitude:
0.35 mm (10 to 60 Hz)
Converter
(sinusoidal)
5 gn = 49 m/s2 (60 to 2000 Hz)
operating
Frequency (1 Oct/min):
10 to 2000 Hz
Test duration:
7.5 h (2.5 h each axis)
Fh
Vibration,
IEC/EN 60068-2-64
Acceleration spectral density: 0.05 g n2/Hz
Converter
broad-band
Frequency band:
10 to 500 Hz
operating
random
Acceleration magnitude:
4.9 gn rms
(digital control)
Test duration:
3 h (1 h each axis)
Kb
Salt mist, cyclic
IEC/EN 60068-2-52
Concentration:
5% (30 °C)
Converter
(sodium chloride
Duration:
2 h per cycle
not
NaCl solution)
Storage:
40 °C, 93% rel. humidity
operating
Cycles and storage duration:
3 days, 22 h per cycle
1
Covers also EN 50155/EN 61373 category 1, class B, body mounted (= chassis of coach)
Failure Rates
Table 10: Temperature specifications, valid for air pressure of 800 to 1200 hPa (800 to 1200 mbar)
Temperature
Standard (-8)
Unit
Characteristics
Conditions
min
max
TA
Ambient temperature
Operational 1
–40
85
°C
TC
Case temperature
–40
105
TS
Storage temperature
Non operational
–55
105
1
See Thermal Considerations
Temperatures
Table 11: MTBF
MTBF
Ground benign
Ground fixed
Ground mobile
Unit
TC = 40 °C
TC = 40 °C
TC = 70 °C
TC = 50 °C
40IMX4-05-8 (MIL-HDBK-217F)
890 000
440 000
247 000
362 000
h
40IMX4-1212-8 (Bellcore)
3 535 000
1 768 000
917 000
476 000


Similar Part No. - 40IMX4-1205-8KZG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
40IMX4-12-8 BEL-40IMX4-12-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
40IMX4-12-9 POWER-ONE-40IMX4-12-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
Bel Fuse Inc.
40IMX4-1212-8 BEL-40IMX4-1212-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
40IMX4-1212-9 POWER-ONE-40IMX4-1212-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
More results

Similar Description - 40IMX4-1205-8KZG

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com