Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV252G3SZ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQV252G3SZ
Description  High capacity in a miniature SOP package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV252G3SZ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQV252G3SZ Datasheet HTML 1Page - Panasonic Semiconductor AQV252G3SZ Datasheet HTML 2Page - Panasonic Semiconductor AQV252G3SZ Datasheet HTML 3Page - Panasonic Semiconductor AQV252G3SZ Datasheet HTML 4Page - Panasonic Semiconductor AQV252G3SZ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HE SOP 1 Form A High Capacity (AQV25
❍G3S)
–2–
ASCTB388E 201703-T
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
3. Recommended operating conditions (Ambient temperature: 25
°C 77°F)
Please use under recommended operating conditions to obtain expected characteristics.
■ These products are not designed for automotive use.
If you are considering to use these products for automotive applications, please contact your local Panasonic Corporation
technical representative.
Item
Symbol
Type of
connection
AQV252G3S
AQV255G3S
Condition
Input
LED operate current
Typical
IFon
0.5 mA
IL = 100mA
Maximum
3 mA
LED turn off current
Minimum
IFoff
0.2 mA
IL = 100mA
Typical
0.4 mA
LED dropout voltage
Typical
VF
1.32 V (1.14 V at IF = 5 mA)
IF = 50 mA
Maximum
1.5 V
Output
On resistance
Typical
Ron
A
0.033
Ω
0.07
Ω
A connection
IF = 5 mA, IL = Max.
Within 1 s
Maximum
0.06
Ω
0.12
Ω
Typical
Ron
B
0.017
Ω
0.035
Ω
B connection
IF = 5 mA, IL = Max.
Within 1 s
Maximum
0.04
Ω
0.07
Ω
Typical
Ron
C
0.0095
Ω
0.02
Ω
C connection
IF = 5 mA, IL = Max.
Within 1 s
Maximum
0.02
Ω
0.04
Ω
Off state leakage current
Maximum
ILeak
—1
μAIF = 0 mA, VL = Max.
Transfer
characteristics
Turn on time*
Typical
Ton
1.8 ms
IF = 5 mA, IL = 100 mA
VL = 10 V
Maximum
5 ms
Turn off time*
Typical
Toff
0.15 ms
IF = 5 mA, IL = 100 mA
VL = 10 V
Maximum
0.5 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0 V
Maximum
1.5 pF
Initial I/O isolation resistance
Minimum
Riso
1,000 M
Ω
500 V DC
Max. operating frequency
Maximum
2.5 cps
IF = 5 mA, duty = 50%
IL = Max., VL = Max.
Item
Symbol
Min.
Max.
Unit
LED current
IF
530
mA
AQV252G3S
Load voltage (Peak AC)
VL
—48
V
Continuous load current (A connection)
IL
3.3
A
AQV255G3S
Load voltage (Peak AC)
VL
—80
V
Continuous load current (A connection)
IL
2.2
A
*Turn on/Turn off time
Ton
Input
Output
10%
90%
Toff


Similar Part No. - AQV252G3SZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV252G PANASONIC-AQV252G Datasheet
603Kb / 15P
   PhotoMOS HE 1 Form A High Capacity
AQV252GA PANASONIC-AQV252GA Datasheet
603Kb / 15P
   PhotoMOS HE 1 Form A High Capacity
AQV252GAX PANASONIC-AQV252GAX Datasheet
603Kb / 15P
   PhotoMOS HE 1 Form A High Capacity
More results

Similar Description - AQV252G3SZ

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
   High capacity in a slim SIL package
logo
Solid State Optronic
SM4206 SSOUSA-SM4206 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
SM4202 SSOUSA-SM4202 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
SM4205 SSOUSA-SM4205 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
MD203 SSOUSA-MD203 Datasheet
210Kb / 7P
   Miniature 4 pin SOP package
SM4203 SSOUSA-SM4203 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
M241 SSOUSA-M241 Datasheet
171Kb / 5P
   Miniature 4 pin SOP package
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com