Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5IMX4-1212-8KZG Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 5IMX4-1212-8KZG
Description  IMX4 Series Data Sheet 4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5IMX4-1212-8KZG Datasheet(HTML) 1 Page - Bel Fuse Inc.

  5IMX4-1212-8KZG Datasheet HTML 1Page - Bel Fuse Inc. 5IMX4-1212-8KZG Datasheet HTML 2Page - Bel Fuse Inc. 5IMX4-1212-8KZG Datasheet HTML 3Page - Bel Fuse Inc. 5IMX4-1212-8KZG Datasheet HTML 4Page - Bel Fuse Inc. 5IMX4-1212-8KZG Datasheet HTML 5Page - Bel Fuse Inc. 5IMX4-1212-8KZG Datasheet HTML 6Page - Bel Fuse Inc. 5IMX4-1212-8KZG Datasheet HTML 7Page - Bel Fuse Inc. 5IMX4-1212-8KZG Datasheet HTML 8Page - Bel Fuse Inc. 5IMX4-1212-8KZG Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 1 of 12
MELCHER
The Power Partners.
Description
The IMX4 Series of board-mountable 4-watt DC-DC converters
has
been
designed
according
to
the
latest
industry
requirements and standards. The converters are particularly
suitable for use in mobile or stationary applications in trans-
port, industry, or telecom, where variable input voltages or high
transient voltages are prevalent.
Covering a total input voltage range from 8.4 VDC up to
121 VDC with three different models, the converters are
available with single or dual output from 3.3 up to ±24 VDC
with flexible load distribution. Features include efficient input
and output filtering with unsurpassed transient and surge
protection, low output ripple and noise, consistently high
efficiency over the entire input voltage range and high
reliability as well as excellent dynamic response to load and
line changes.
The converters exhibit basic insulation and are designed and
built according to the international safety standards IEC/EN
60950-1 2nd Ed. 70IMX4 models are CE-marked.
A special feature is their small case size, DIL 24 with only
8.5 mm profile. The circuit is comprised of integrated planar
magnetics, and all components are automatically assembled
and solidly soldered onto a single PCB without any wire
connection. Thanks to the rigid mechanical design, the
converters withstand an extremely high level of shock and
vibrations. Careful consideration of possible thermal stresses
ensure the absence of hot spots providing long life in
environments where temperature cycles are a reality. The
thermal design allows operation at full load up to an ambient
temperature of 85 °C in free air without using any potting
material.
Several options, such as open-frame or an alternative industrial
pinout, provide a high level of application-specific engineering
and design-in flexibility.
32
1.25"
20
0.8"
8.5
0.34"
Description ............................................................................. 1
Model Selection ..................................................................... 2
Functional Description ........................................................... 3
Electrical Input Data ............................................................... 4
Electrical Output Data ............................................................ 6
Electromagnetic Compatibility (EMC) .................................... 8
Mechanical Data .................................................................... 9
Immunity to Environmental Conditions ................................ 10
Safety and Installation Instructions ...................................... 10
Description of Options ......................................................... 11
Table of Contents
Page
Page
Features
• RoHS lead-free-solder and lead-solder-exempted
products are available.
• Input voltage ranges up to 121 VDC
• Voltage withstand test 1500 VAC
• 1 or 2 isolated outputs up to 48 V
• Extremely wide input voltage ranges
• Immunity according to IEC/EN 61000-4-2, -3, -4, -5, -6
• High efficiency (typ. 83%)
• Flexible load distribution on outputs
• Outputs no-load, overload, and short-circuit proof
• High reliability
• Operating ambient temperature – 40 to +85 °C
• Thermal protection
• Industrial and alternative pinout
• DIL 24 case with 8.5 mm profile
2
2 70IMX4 models
Safety-approved to IEC 60950-1 2nd Ed and CSA/UL
60950-1 2nd Ed.
Copyright © 2015, Bel Power Solutions Inc. All rights reserved.


Similar Part No. - 5IMX4-1212-8KZG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5IMX4-12-8 BEL-5IMX4-12-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
5IMX4-12-9 POWER-ONE-5IMX4-12-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
More results

Similar Description - 5IMX4-1212-8KZG

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com